Electronic Components Datasheet Search
  English  ▼

X  

PE9499 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9499
Description  Precision 4 Hole Flange Mount SMA Male to N Male Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9499 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9499 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9499 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9499 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9499 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMA Male Connector 1
• N Male Connector 2
• 50 Ohms
• Precision Design
• Straight Body Geometry
• 4 Hole Flange Mount Method
Features
• Max VSWR of 1.15:1 up to 18 GHz
• Contact plating according to MIL-G-45204
• Gold over Nickel Plated Beryllium Copper Contact
Applications
• Allows Connection Between Series
• General Purpose Test
• Rack Mounted Equipment
• Precision Test & Measurement
.
Description
Pasternack’s PE9499 precision 4 hole flange mount SMA male to type N male adapter is part of our full line of RF components
available for same-day shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K)
connectors. Our SMA to type N adapter has a male to male gender configuration built of durable stainless steel in a precision
design. PE9499 SMA male to type N male adapter operates to 18 GHz. The Pasternack RF adapter provides excellent VSWR
of 1.15:1 maximum. This RF SMA 4 hole flange to type N adapter allows designers to create external connections on their
product enclosures, and can be used in a variety of other rack mount and panel mount applications.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.15:1
Insertion Loss
0.22
dB
. .
Electrical Specification Notes:
Values at 25°C, sea level.
Insertion Loss (dB) = 0.05*sqrt(fGHz).
Mechanical Specifications
Size
Length
1.636 in [41.55 mm]
Width
1 in [25.4 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision 4 Hole Flange Mount SMA Male to N Male Adapter PE9499
PE9499 REV 1.2
Precision 4 Hole Flange Mount SMA Male to N Male Adapter
PE9499
RF Adapters Technical Data Sheet


Similar Part No. - PE9499

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9490 PASTERNACK-PE9490 Datasheet
253Kb / 2P
Precision N Female to BNC Male Adapter
PE9491 PASTERNACK-PE9491 Datasheet
253Kb / 2P
Precision N Male to BNC Female Adapter
PE9492 PASTERNACK-PE9492 Datasheet
252Kb / 2P
Precision N Female to BNC Female Adapter
PE9493 PASTERNACK-PE9493 Datasheet
253Kb / 2P
Precision SMA Male to BNC Male Adapter
PE9493 PASTERNACK-PE9493 Datasheet
253Kb / 2P
Precision SMA Male to BNC Male Adapter
More results

Similar Description - PE9499

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9275 PASTERNACK-PE9275 Datasheet
242Kb / 2P
4 Hole Flange SMA Female to N Male Adapter
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
PE9430 PASTERNACK-PE9430 Datasheet
244Kb / 2P
Precision SMA Female to N Male Adapter
PE9497 PASTERNACK-PE9497 Datasheet
260Kb / 3P
Precision SMA Male to N Female 4 Hole Flange Adapter
PE9498 PASTERNACK-PE9498 Datasheet
248Kb / 2P
Precision 4 Hole Flange SMA Female to N Male Adapter
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
Precision SMA Male to SMA Male Adapter
PE91059 PASTERNACK-PE91059 Datasheet
454Kb / 3P
Precision SMA Female to SMP Male 4 Hole Flange Adapter Full Detent
PE9431 PASTERNACK-PE9431 Datasheet
259Kb / 3P
Precision SMA Male to N Male Adapter
PE9669 PASTERNACK-PE9669 Datasheet
260Kb / 3P
Precision SMA Male to SMA Male 4 Hole Flange Adapter
PE9671 PASTERNACK-PE9671 Datasheet
388Kb / 4P
SMA Male to SMA Female 4 Hole Flange Mount Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com