Electronic Components Datasheet Search
  English  ▼

X  

PE9595 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9595
Description  N Male to N Female Bulkhead Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9595 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9595 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9595 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9595 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9595 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• N Male Connector 1
• N Female Connector 2
• 50 Ohms
• Straight Body Geometry
• Bulkhead Mount Method
Features
• Max VSWR of 1.3:1 up to 11 GHz
• N Interface compliant with MIL-STD-348A
• Silver Plated Beryllium Copper Contact
• 200 µ-in min Silver Contact Plating
Applications
• General Purpose Test
• Rack Mounted Equipment
.
Description
Pasternack’s PE9595 type N male to type N female bulkhead adapter is part of our full line of RF components available for
same-day shipping. PE9595 type N male to type N female adapter operates to 11 GHz. The Pasternack RF adapter provides
good VSWR of 1.3:1 maximum. This RF type N to type N bulkhead adapter allows designers to create external connections
on their product enclosures, and can be used in a variety of other rack mount and panel mount applications.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
. .
Mechanical Specifications
Size
Length
1.725 in [43.82 mm]
Width
0.87 in [22.1 mm]
Weight
0.144 lbs [65.32 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Female Bulkhead Adapter PE9595
PE9595 REV 1.2
N Male to N Female Bulkhead Adapter
PE9595
RF Adapters Technical Data Sheet


Similar Part No. - PE9595

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9590 PASTERNACK-PE9590 Datasheet
255Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Male Adapter
PE9591 PASTERNACK-PE9591 Datasheet
79Kb / 1P
REVERSE POLARITY SMA MALE TO RESERVE POLRARITY SMA FEMALE
PE9592 PASTERNACK-PE9592 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9593 PASTERNACK-PE9593 Datasheet
261Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Bulkhead Adapter
PE9594 PASTERNACK-PE9594 Datasheet
80Kb / 1P
REVERSE POLARITY SMA MALE TO REVERSE POLARITY SMA FEMALE RIGHT ANGLE
More results

Similar Description - PE9595

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9311 PASTERNACK-PE9311 Datasheet
253Kb / 3P
N Male to N Female Adapter
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9482 PASTERNACK-PE9482 Datasheet
261Kb / 3P
N Female to TNC Female Bulkhead Adapter
PE9487 PASTERNACK-PE9487 Datasheet
259Kb / 2P
Precision SMA Male to N Female Bulkhead Adapter
PE9488 PASTERNACK-PE9488 Datasheet
83Kb / 1P
N FEMALE TO SMA MALE BULKHEAD PRECISION ADAPTER
PE9487 PASTERNACK-PE9487 Datasheet
259Kb / 2P
Precision SMA Male to N Female Bulkhead Adapter
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com