Electronic Components Datasheet Search
  English  ▼

X  

PE9606 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9606
Description  Reverse Polarity SMA Female to Reverse Polarity TNC Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9606 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9606 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9606 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9606 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector 1
SMA Female Reverse Polarity
Impedance 1
50 Ohms
Connector Specification 1
MIL-C-39012
Connector 2
TNC Female Reverse Polarity
Impedance 2
50 Ohms
Connector Specification 2
MIL-C-39012
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Frequency Range
DC to 11 GHz
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
1.12 [28.45]
Width/Dia., in [mm]
0.5 [12.7]
.
Connector 1
Type
SMA Female Reverse Polarity
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
TNC Female Reverse Polarity
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
06/18/2012
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Reverse Polarity SMA Female to Reverse Polarity TNC Female Adapter PE9606
PE9606
PE9606 REV 1.0
Reverse Polarity SMA Female to
Reverse Polarity TNC Female Adapter


Similar Part No. - PE9606

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9600 PASTERNACK-PE9600 Datasheet
243Kb / 2P
SMA Male to Reverse Polarity TNC Female Adapter
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
logo
Pasternack Enterprises,...
PE9601 PASTERNACK-PE9601 Datasheet
259Kb / 3P
SMA Male to Reverse Polarity TNC Male Adapter
logo
Peregrine Semiconductor
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601EK PEREGRINE-PE9601EK Datasheet
258Kb / 14P
2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
More results

Similar Description - PE9606

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9592 PASTERNACK-PE9592 Datasheet
254Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE9593 PASTERNACK-PE9593 Datasheet
261Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Bulkhead Adapter
PE9596 PASTERNACK-PE9596 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to TNC Female Adapter
PE9599 PASTERNACK-PE9599 Datasheet
253Kb / 2P
Reverse Polarity SMA Female to TNC Female Adapter
PE9603 PASTERNACK-PE9603 Datasheet
241Kb / 2P
SMA Female to Reverse Polarity TNC Female Adapter
PE9604 PASTERNACK-PE9604 Datasheet
242Kb / 2P
Reverse Polarity SMA Male to Reverse Polarity TNC Female Adapter
PE9607 PASTERNACK-PE9607 Datasheet
255Kb / 2P
Reverse Polarity SMA Female to Reverse Polarity TNC Male Adapter
PE91262 PASTERNACK-PE91262 Datasheet
346Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
PE91331 PASTERNACK-PE91331 Datasheet
600Kb / 3P
Reverse Polarity SMA Male to Reverse Polarity SMA Female Adapter
PE91334 PASTERNACK-PE91334 Datasheet
607Kb / 3P
Reverse Polarity SMA Female to Reverse Polarity SMA Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com