Electronic Components Datasheet Search
  English  ▼

X  

PE9624 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9624
Description  Bulkhead Hermetically Sealed 75 Ohm TNC Female to TNC Female Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9624 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9624 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9624 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9624 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector 1
• TNC Female Connector 2
• 75 Ohms
• Straight Body Geometry
• Bulkhead Mount Method
Features
• Hermetically Sealed
• TNC Interface compliant with MIL-STD-348
• Silver Plated Contact
• Contact Plating per QQ-S-365
Applications
• General Purpose Test
• Vacuum Test Environment
• Rack Mounted Equipment
.
Description
Pasternack’s PE9624 bulkhead hermetically sealed 75 ohm TNC female to TNC female adapter is part of our full line of RF
components available for same-day shipping. Our TNC to TNC adapter has a female to female gender configuration. This RF
TNC bulkhead to TNC adapter allows designers to create external connections on their product enclosures, and can be used
in a variety of other rack mount and panel mount applications. This hermetic TNC to TNC adapter prevents the leakage of
gases, making it suitable for high pressure or vacuum applications or whenever an airtight seal is required.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Mechanical Specifications
Size
Length
1.55 in [39.37 mm]
Width
0.685 in [17.4 mm]
Weight
0.048 lbs [21.77 g]
.
Description
Connector 1
Connector 2
Type
TNC Female
TNC Female
Polarity
Standard
Standard
Interface Specification
MIL-STD-348
MIL-STD-348
Connector Option
Hermetically Sealed
Hermetically Sealed
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Bulkhead Hermetically Sealed 75 Ohm TNC Female to TNC Female Adapter PE9624
PE9624 REV 1.1
Bulkhead Hermetically Sealed 75 Ohm TNC
Female to TNC Female Adapter
PE9624
RF Adapters Technical Data Sheet


Similar Part No. - PE9624

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9620 PASTERNACK-PE9620 Datasheet
387Kb / 4P
Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring
logo
Pletronics, Inc.
PE9620DEV PLETRONICS-PE9620DEV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
PE9620DV PLETRONICS-PE9620DV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9621 PASTERNACK-PE9621 Datasheet
358Kb / 4P
SMA Male to SMA Female Bulkhead Adapter
PE9622 PASTERNACK-PE9622 Datasheet
244Kb / 2P
75 Ohm TNC Female to TNC Female Adapter
More results

Similar Description - PE9624

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9287 PASTERNACK-PE9287 Datasheet
239Kb / 2P
Bulkhead Isolated Ground TNC Female to TNC Female Adapter
PE9416 PASTERNACK-PE9416 Datasheet
263Kb / 3P
Bulkhead Hermetically Sealed 75 Ohm N Female to N Female Adapter
PE9483 PASTERNACK-PE9483 Datasheet
262Kb / 3P
Hermetically Sealed TNC Female to BNC Female Bulkhead Adapter
PE9622 PASTERNACK-PE9622 Datasheet
244Kb / 2P
75 Ohm TNC Female to TNC Female Adapter
PE9623 PASTERNACK-PE9623 Datasheet
255Kb / 3P
75 Ohm TNC Male to TNC Female Right Angle Adapter
PE9625 PASTERNACK-PE9625 Datasheet
247Kb / 2P
Isolated Ground 75 Ohm TNC Female to TNC Female Bulkhead Adapter
PE9629 PASTERNACK-PE9629 Datasheet
244Kb / 2P
75 Ohm N Female to TNC Female Adapter
logo
List of Unclassifed Man...
BTF101 ETC2-BTF101 Datasheet
76Kb / 1P
TNC ADAPTER, BULKHEAD, HERMETICALLY SEALED, 50 OHM
logo
Pasternack Enterprises,...
PE9154 PASTERNACK-PE9154 Datasheet
357Kb / 3P
Hermetically Sealed TNC Female to TNC Female Bulkhead Adapter IP67 Rated
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
75 Ohm TNC Female to F Female Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com