Electronic Components Datasheet Search
  English  ▼

X  

0757830153 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0757830153
Description  iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0757830153 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0757830153_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0757830153_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 11/30/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0757830153
Status:
Active
Overview:
iPass™ Connector System
Description:
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell, 36
Circuit,0.38µm Gold (Au), Through Hole Option, Tail Length 3.56mm, Left Key
Documents:
3D Model
Application Specification AS-75783-001 (PDF)
Drawing (PDF)
Packaging Specification PK-75783-002 (PDF)
Product Specification PS-75783-001-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
75783
Application
Wire-to-Board
Comments
Positive or passive latching cable available
Component Type
Receptacle
Electrical Model
Yes
Overview
iPass™ Connector System
Product Name
iPass, Mini Multi-Lane, PCI Express
Type
N/A
UPC
822350353403
Physical
Circuits (Loaded)
36
Circuits (maximum)
36
Color - Resin
Black
Durability (mating cycles max)
50
Flammability
94V-0
Gender
Female
Keying to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Copper-Nickel-Zinc, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Net Weight
3.079/g
Number of Rows
2
Orientation
Right Angle
PC Tail Length
3.56mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness - Recommended
3.18mm
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface
0.80mm
Pitch - Termination Interface
0.80mm
Plating min - Mating
0.381µm
Plating min - Termination
2.540µm
Polarized to Mating Part
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/30/2017 (7 July
2017)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
75783 Series
Use With
iPass Cable Assemblies, 79575 , 79576 ,
74562 , 74563 , 79536 , 74573 ,


Similar Part No. - 0757830153_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757830153 MOLEX9-0757830153 Datasheet
1Mb / 14P
0.80mm (.031") Pitch, iPass I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit
More results

Similar Description - 0757830153_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757830010 MOLEX1-0757830010 Datasheet
39Kb / 2P
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
0757830033 MOLEX1-0757830033 Datasheet
39Kb / 2P
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
0757830040 MOLEX1-0757830040 Datasheet
39Kb / 2P
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
0757830043 MOLEX1-0757830043 Datasheet
39Kb / 2P
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
0757830149 MOLEX1-0757830149_17 Datasheet
39Kb / 2P
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
0757830152 MOLEX1-0757830152_17 Datasheet
39Kb / 2P
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
0757830156 MOLEX1-0757830156_17 Datasheet
39Kb / 2P
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
0757830159 MOLEX1-0757830159_17 Datasheet
39Kb / 2P
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
0757830212 MOLEX1-0757830212_17 Datasheet
39Kb / 2P
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
0757830233 MOLEX1-0757830233_17 Datasheet
39Kb / 2P
iPass I/O Surface Mount Receptacle, Right Angle, Internal Assembly with Shell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com