Electronic Components Datasheet Search
  English  ▼

X  

TSM103WAIDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM103WAIDT
Description  Dual Operational Amplifier and Voltage Reference
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM103WAIDT Datasheet(HTML) 4 Page - STMicroelectronics

  TSM103WAIDT Datasheet HTML 1Page - STMicroelectronics TSM103WAIDT Datasheet HTML 2Page - STMicroelectronics TSM103WAIDT Datasheet HTML 3Page - STMicroelectronics TSM103WAIDT Datasheet HTML 4Page - STMicroelectronics TSM103WAIDT Datasheet HTML 5Page - STMicroelectronics TSM103WAIDT Datasheet HTML 6Page - STMicroelectronics TSM103WAIDT Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TSM103W
ELECTRICAL CHARACTERISTICS
4/7
OPERATOR 1 (op-amp with non-inverting input connected to the internal Vref)
VCC
+ = +5V, V
CC
- = Ground, T
amb = 25°C (unless otherwise specified)
GBP
Gain Bandwidth Product
VCC = 30V,RL = 2k, CL = 100pF
f = 100kHz, Vin = 10mV
0.5
0.9
MHz
THD
Total Harmonic Distortion
f = 1kHz
AV = 20dB,RL = 2k, VCC = 30V
CL = 100pF, Vo = 2Vpp
0.02
%
en
Equivalent Input Noise Voltage
f = 1kHz, Rs = 100
Ω
Vcc = 30V
50
nV/
√Hz
1)
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end
of the common-mode voltage range is VCC
+ - 1.5V. Both inputs can go to Vcc+ 0.3V without damage.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
Vicm = 0V
TSM103WA, Tamb = 25°
Tmin. ≤ Tamb ≤ Tmax.
TSM103W, Tamb = 25°
Tmin. ≤ Tamb ≤ Tmax.
0.5
1
2
3
4
5
mV
DVio
Input Offset Voltage Drift
7
µV/°C
Iib
Input Bias Current
negative input
20
nA
Avd
Large Signal Voltage Gain
VCC = 15V, RL = 2k, Vo = 1.4V to 11.4V
Tmin. ≤ Tamb ≤ Tmax
100
V/mV
SVR
Supply Voltage Rejection Ratio
Vicm = 0V
VCC
+ = 5V to 30V
65
100
dB
Isource
Output Current Source
Vo = 2V
VCC = +15V, Vid = +1V
20
40
mA
Io
Short Circuit to Ground
VCC = +15V
40
60
mA
Isink
Output Current Sink
Vid = -1V,
VCC = +15V, Vo = 2V
VCC = +15V, Vo = 0.2V
10
12
20
50
mA
µA
VOH
High Level Output Voltage
VCC
+ = 30V
Tamb = 25°C, RL = 2k
Tmin. ≤ Tamb ≤ Tmax.
Tamb = 25°C, RL = 10k
Tmin. ≤ Tamb ≤ Tmax.
26
26
27
27
27
28
V
VOL
Low Level Output Voltage
RL = 10k
Tmin. ≤ Tamb ≤ Tmax.
520
20
mV
SR
Slew Rate at Unity Gain
Vi = 0.5 to 2V, VCC = 15V
RL = 2k, CL = 100pF, unity gain
0.2
0.4
V/
µs
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com