Electronic Components Datasheet Search
  English  ▼

X  

PE71S6321 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6321
Description  Electromechanical Relay Switches Technical Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6321 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6321 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6321 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6321 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6321 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6321 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6321 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Features
• SP6T
• DC to 40 GHz
• 2.92mm Female
• +12 Volt
• Break Before Make
• Latching Actuator
• Self Cut Off
• Indicator Circuitry
• Terminated
• Reset
Applications
• Test & Measurement
• Communications System
• Instrumentation
• Military Communications
• Automatic Communication Test
Sets
• Sub-System Testing
.
Description
The PE71S6321 is a Single Pole Six Throw (SP6T) 50 Ohm Terminated RF Coaxial Relay Switch that operates from DC to
40 GHz and can handle up to 3 Watts of CW input power at 40 GHz, in a Break Before Make condition.The design features a
Latching Actuator with indicators, and is rated for 1M Life Cycles. Insertion Loss is specified from 0.2 dB typ and Isolation from
70 dB min at 6 GHz, with +12 Vdc operating voltage. Performance is guaranteed over -35°C to +85°C. The package interface
uses solder terminals and 2.92 mm female connectors.
Electrical Specifications
Switch Type
SP6T, Absorptive
Actuator Type
Latching
Switching Sequence
Break Before Make
Actuator Options
Self Cut Off, Indicators, Terminated, Reset
Polarity
Positive Common
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
40
GHz
Impedance
50
Ohms
Operating Voltage
12
Volts
Actuating Current @ 12 Volts
480
mA
Input Power (CW)
3
Watts
(40 GHz)
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP6T Electromechanical Relay Latching Switch DC to 40 GHz, 2.92mm, 3 Watts, 12V Control,
Self Cut Off, Indicators, Terminated, Reset PE71S6321
PE71S6321 REV 1.0
SP6T Electromechanical Relay Latching Switch
DC to 40 GHz, 2.92mm, 3 Watts, 12V Control,
Self Cut Off, Indicators, Terminated, Reset
Electromechanical Relay Switches Technical Data Sheet
PE71S6321


Similar Part No. - PE71S6321

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6320 PASTERNACK-PE71S6320 Datasheet
516Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6322 PASTERNACK-PE71S6322 Datasheet
512Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6323 PASTERNACK-PE71S6323 Datasheet
264Kb / 2P
Electromechanical Relay Switches Technical Data Sheet
PE71S6324 PASTERNACK-PE71S6324 Datasheet
486Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6326 PASTERNACK-PE71S6326 Datasheet
496Kb / 7P
Electromechanical Relay Switches Technical Data Sheet
More results

Similar Description - PE71S6321

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6165 PASTERNACK-PE71S6165 Datasheet
500Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6296 PASTERNACK-PE71S6296 Datasheet
496Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6319 PASTERNACK-PE71S6319 Datasheet
530Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6320 PASTERNACK-PE71S6320 Datasheet
516Kb / 6P
Electromechanical Relay Switches Technical Data Sheet
PE71S6332 PASTERNACK-PE71S6332 Datasheet
803Kb / 10P
Electromechanical Relay Switches Technical Data Sheet
PE71S6334 PASTERNACK-PE71S6334 Datasheet
803Kb / 10P
Electromechanical Relay Switches Technical Data Sheet
PE71S6343 PASTERNACK-PE71S6343 Datasheet
530Kb / 9P
Electromechanical Relay Switches Technical Data Sheet
PE71S6345 PASTERNACK-PE71S6345 Datasheet
530Kb / 9P
Electromechanical Relay Switches Technical Data Sheet
PE71S6346 PASTERNACK-PE71S6346 Datasheet
530Kb / 9P
Electromechanical Relay Switches Technical Data Sheet
PE71S6349 PASTERNACK-PE71S6349 Datasheet
790Kb / 8P
Electromechanical Relay Switches Technical Data Sheet
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com