Electronic Components Datasheet Search
  English  ▼

X  

UBA2033TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2033TS
Description  HF full bridge driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2033TS Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2033TS Datasheet HTML 1Page - NXP Semiconductors UBA2033TS Datasheet HTML 2Page - NXP Semiconductors UBA2033TS Datasheet HTML 3Page - NXP Semiconductors UBA2033TS Datasheet HTML 4Page - NXP Semiconductors UBA2033TS Datasheet HTML 5Page - NXP Semiconductors UBA2033TS Datasheet HTML 6Page - NXP Semiconductors UBA2033TS Datasheet HTML 7Page - NXP Semiconductors UBA2033TS Datasheet HTML 8Page - NXP Semiconductors UBA2033TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2002 Oct 08
2
Philips Semiconductors
Product specification
HF full bridge driver IC
UBA2033
FEATURES
• Full bridge driver circuit
• Integrated bootstrap diodes
• Integrated high voltage level shift function
• High voltage input for the internal supply voltage
• 550 V maximum voltage
• Bridge disable function
• Input for start-up delay
• Adjustable oscillator frequency
• Predefined bridge position during start-up.
APPLICATIONS
• The UBA2033 can drive (via the MOSFETs) any kind of
load in a full bridge configuration
• The circuit is especially designed as a commutator for
High Intensity Discharge (HID) lamps.
GENERAL DESCRIPTION
The UBA2033 is a high voltage monolithic integrated
circuit made in the EZ-HV SOI process. The circuit is
designed for driving the MOSFETs in a full bridge
configuration. In addition, it features a disable function, an
internal adjustable oscillator and an external drive function
with a low-voltage level shifter for driving the bridge.
To guarantee an accurate 50% duty factor, the oscillator
signal can be passed through a divider before being fed to
the output driver.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
UBA2033TS
SSOP28
plastic shrink small outline package; 28 leads; body width 5.3 mm
SOT341-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com