Electronic Components Datasheet Search
  English  ▼

X  

FMS6146 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMS6146
Description  Low-Cost Six-Channel 4th-Order Standard Defi nition Video Filter Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6146 Datasheet(HTML) 2 Page - ON Semiconductor

  FMS6146 Datasheet HTML 1Page - ON Semiconductor FMS6146 Datasheet HTML 2Page - ON Semiconductor FMS6146 Datasheet HTML 3Page - ON Semiconductor FMS6146 Datasheet HTML 4Page - ON Semiconductor FMS6146 Datasheet HTML 5Page - ON Semiconductor FMS6146 Datasheet HTML 6Page - ON Semiconductor FMS6146 Datasheet HTML 7Page - ON Semiconductor FMS6146 Datasheet HTML 8Page - ON Semiconductor FMS6146 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6146 • Rev. 1.1.0
October 2009
FMS6146
Low-Cost Six-Channel 4th-Order
Standard Definition Video Filter Driver
Features
Six 4th-Order 8MHz (SD) Filters
Drives Single,AC- or DC-Coupled, Video Loads (2Vpp,150Ω)
Drives Dual,AC- or DC-Coupled, Video Loads (2Vpp,75Ω)
Transparent Input Clamping
AC- or DC-Coupled Inputs
AC- or DC-Coupled Outputs
DC-Coupled Outputs Eliminate AC-Coupling Capacitors
5V Only
Robust 8kV ESD Protection
Lead-free TSSOP-14 Package
Applications
Cable Set-Top Boxes
Satellite Set-Top Boxes
DVD Players
HDTV
Personal Video Recorders (PVR)
Video On Demand (VOD)
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
Description
The FMS6146 Low-Cost Video Filter (LCVF) is intended
to replace passive LC filters and drivers with a low-cost
integrated device. Six 4th-order filters provide improved
image quality compared to typical 2nd or 3rd-order
passive solutions.
The FMS6146 may be directly driven by a DC-coupled
DAC output or an AC-coupled signal. Internal diode
clamps and bias circuitry may be used if AC-coupled
inputs are required (see the Applications section for details).
The outputs can drive AC- or DC-coupled single (150Ω) or
dual (75Ω) loads. DC coupling the outputs removes the
need for output coupling capacitors. The input DC levels
are offset approximately +280mV at the output (see the
Applications section for details)
.
Ordering Information
Part Number
Operating
Temperature Range
Eco Status
Package
Packaging Method
FMS6146MTC14X
-40°C to +85°C
RoHS
TSSOP-14
Tape and Reel
Functional Block Diagram
IN1
IN2
IN3
IN4
IN5
IN6
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
8MHz, 4th order
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
6d
B
Transparent Clamp
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com