Electronic Components Datasheet Search
  English  ▼

X  

FMS6363CS Datasheet(PDF) 6 Page - ON Semiconductor

Part # FMS6363CS
Description  Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6363CS Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FMS6363CS Datasheet HTML 2Page - ON Semiconductor FMS6363CS Datasheet HTML 3Page - ON Semiconductor FMS6363CS Datasheet HTML 4Page - ON Semiconductor FMS6363CS Datasheet HTML 5Page - ON Semiconductor FMS6363CS Datasheet HTML 6Page - ON Semiconductor FMS6363CS Datasheet HTML 7Page - ON Semiconductor FMS6363CS Datasheet HTML 8Page - ON Semiconductor FMS6363CS Datasheet HTML 9Page - ON Semiconductor FMS6363CS Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6363 • Rev. 1.0.4
5
Applications Information
Functional Description
The FMS6363 Low-Cost Video Filter (LCVF) provides
6dB gain from input to output. In addition, the input is
slightly offset to optimize the output driver performance.
The offset is held to the minimum required value to
decrease the standing DC current into the load. Typical
voltage levels are shown in Figure 8.
There will be a 280mV offset from the DC input level to
the DC output level.
Vout = 2 * Vin + 280mV
0.02V
0.32V
1.02V
VIN
0.15V
0.5V
0.85V
VIN
0.28V
0.88V
2.28V
Driven by:
DC-Coupled DAC Outputs o r
AC-Coupled and Clamped
Y, R, G, B, CV
VOUT
0.58V
1.28V
1.98V
Driven by:
DC-Coupled DAC Outputs
AC-Coupled and Biased
U, V, Pb, Pr, C
VOUT
Figure 8. Typical Voltage Levels
The FMS6363 provides an internal diode clamp to
support AC coupled input signals. If the input signal
does not go below ground, the input clamp does not
operate. This allows DAC outputs to directly drive the
FMS6363 without an AC coupling capacitor. The worst-
case sync tip compression due to the clamp does not
exceed 7mV. The input level set by the clamp,
combined with the internal DC offset, keeps the output
within its acceptable range. When the input is AC-
coupled, the diode clamp sets the sync tip (or lowest
voltage) just below ground.
For symmetric signals like C, U, V, Cb, Cr, Pb and Pr;
the average DC bias is fairly constant and the inputs
can be AC-coupled with the addition of a pull-up resistor
to set the DC input voltage. DAC outputs can also drive
these same signals without the AC coupling capacitor.
A conceptual illustration of the input clamp circuit is
shown in Figure 9.
YOUT
800kΩ
Driver
YIN
0.65V
Figure 9. Input Clamp Circuit
I/O Configurations
For DC-coupled DAC drive with DC-coupled outputs,
use the configuration in Figure 10.
DVD or
STB
SoC
DAC
Output
75
Ω
LCVF
Clamp
Inactive
0V- 1.4V
Figure 10. DC-coupled Inputs and Outputs
Alternatively, if the DAC’s average DC output level
causes the signal to exceed the range of 0V to 1.4V, it
can be AC-coupled, as shown in Figure 11.
DVD or
STB
SoC
DAC
Output
75
Ω
LCVF
Clamp
Active
0.1µ
0V- 1.4V
Figure 11. AC-coupled Inputs, DC-coupled Outputs
When the FMS6363 is driven by an unknown external
source or a SCART with its own clamping circuitry the
inputs should be AC-coupled, shown in Figure 12.
75
Ω
LCVF
Clamp
Active
75
Ω
0.1µ
External Video
source must
be AC-coupled.
0V- 1.4V
Figure 12. SCART with DC-coupled Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com