Electronic Components Datasheet Search
  English  ▼

X  

FMS6363CSX Datasheet(PDF) 3 Page - ON Semiconductor

Part # FMS6363CSX
Description  Low-Cost, Three-Channel, 6th-Order, High-Definition, Video Filter Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6363CSX Datasheet(HTML) 3 Page - ON Semiconductor

  FMS6363CSX Datasheet HTML 1Page - ON Semiconductor FMS6363CSX Datasheet HTML 2Page - ON Semiconductor FMS6363CSX Datasheet HTML 3Page - ON Semiconductor FMS6363CSX Datasheet HTML 4Page - ON Semiconductor FMS6363CSX Datasheet HTML 5Page - ON Semiconductor FMS6363CSX Datasheet HTML 6Page - ON Semiconductor FMS6363CSX Datasheet HTML 7Page - ON Semiconductor FMS6363CSX Datasheet HTML 8Page - ON Semiconductor FMS6363CSX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6363 • Rev. 1.0.4
2
Pin Configuration
IN1
OUT1
IN2
IN3
OUT3
VCC
OUT2
GND
1
2
3
4
8
7
6
5
Figure 2. 8-Pin SOIC
Pin Definitions
Pin #
Name
Type
Description
1
IN1
Input
Video input, channel 1
2
IN2
Input
Video input, channel 2
3
IN3
Input
Video input, channel 3
4
VCC
Input
+5V Supply
5
GND
Input
Ground
6
OUT3
Output
Filtered output, channel 3
7
OUT2
Output
Filtered output, channel 2
8
OUT1
Output
Filtered output, channel 1
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
DC Supply Voltage
-0.3
6.0
V
VIO
Analog Digital I/O
-0.3
VCC + 0.3
V
IOUT
Output Current, Any One Channel, Do Not Exceed
50
mA
ESD
Human Body Model, JESD22-A114
8
kV
Reliability Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
TL
Lead Temperature, Soldering 10 Seconds
+300
°C
JA
Thermal Resistance, JEDEC Standard, Multi-layer
Test Board, Still Air
112.7
°C/W
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
0
70
°C
VCC
Supply Voltage Range
4.75
5.00
5.25
V
RSOURCE
Input Source Resistance
300
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com