Electronic Components Datasheet Search
  English  ▼

X  

FMS6501 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FMS6501
Description  12 Input / 9 Output Video Switch Matrix
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6501 Datasheet(HTML) 5 Page - ON Semiconductor

  FMS6501 Datasheet HTML 1Page - ON Semiconductor FMS6501 Datasheet HTML 2Page - ON Semiconductor FMS6501 Datasheet HTML 3Page - ON Semiconductor FMS6501 Datasheet HTML 4Page - ON Semiconductor FMS6501 Datasheet HTML 5Page - ON Semiconductor FMS6501 Datasheet HTML 6Page - ON Semiconductor FMS6501 Datasheet HTML 7Page - ON Semiconductor FMS6501 Datasheet HTML 8Page - ON Semiconductor FMS6501 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6501 Rev. 1.0.4
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
Reliability Information
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Electrostatic Discharge Protection
Parameter
Min.
Max.
Unit
DC Supply Voltage
-0.3
6.0
V
Analog and Digital I/O
-0.3
Vcc + 0.3
V
Output Current Any One Channel, Do Not Exceed
40
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65
150
°C
TL
Lead Temperature (Soldering, 10 seconds)
300
°C
Θ
JA
Thermal Resistance, JEDEC Standard Multilayer Test Board, Still Air
50
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
-40
85
°C
VCC
Supply Voltage Range
3.135
5.000
5.250
V
Symbol
Parameter
Value
Unit
HBM
Human Body Model
5
kV
CDM
Charged Device Model
2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com