Electronic Components Datasheet Search
  English  ▼

X  

FMS6690 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FMS6690
Description  Six Channel, 6th Order, SD/PS/HD Video Filter Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6690 Datasheet(HTML) 2 Page - ON Semiconductor

  FMS6690 Datasheet HTML 1Page - ON Semiconductor FMS6690 Datasheet HTML 2Page - ON Semiconductor FMS6690 Datasheet HTML 3Page - ON Semiconductor FMS6690 Datasheet HTML 4Page - ON Semiconductor FMS6690 Datasheet HTML 5Page - ON Semiconductor FMS6690 Datasheet HTML 6Page - ON Semiconductor FMS6690 Datasheet HTML 7Page - ON Semiconductor FMS6690 Datasheet HTML 8Page - ON Semiconductor FMS6690 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
August 2009
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6690 • Rev. 1.0.3
FMS6690
Six Channel, 6
th Order, SD/PS/HD Video Filter Driver
Features
Three Selectable Sixth-Order 15/32MHz (PS/HD)
Filters
Three Fixed Sixth-Order 8MHz (SD) Filters with
MUXed Input
Transparent Input Clamping
Single Video Load Drive (2VPP, 150Ω, AV= 6dB)
AC-or DC-Coupled Inputs
AC-or DC-Coupled Outputs
DC-Coupled Outputs Eliminate AC-Coupling
Capacitors
Low Power
5V Only
Applications
Cable and Satellite Set-Top Boxes
DVD Players
HDTV
Personal Video Recorders (PVR)
Video On Demand (VOD)
Description
The FMS6690 Low-Cost Video Filter (LCVF) is intended
to replace passive LC filters and drivers with a low-cost
integrated device. Six 6
th-order Butterworth filters
provide improved image quality compared to typical
passive solutions. The combination of low-power
Standard Definition (SD), Progressive Scan (PS), and
High Definition (HD) filters greatly simplifies DVD video
output circuitry. Three channels offer fixed SD filters
and feature an additional MUXed input, while the other
three channels are selectable between PS and HD
filters. The FMS6690 offers a fixed gain of 6dB.
The FMS6690 may be directly driven by a DC-coupled
DAC output or an AC-coupled signal. Internal diode
clamps and bias circuitry may be used if AC-coupled
inputs are required (see Applications section for
details)
.
The outputs can drive AC-or DC-coupled single (150
Ω)
video loads. DC-coupling the outputs removes the need
for output coupling capacitors. The input DC levels are
offset approximately +280mV at the output.
Ordering Information
Part Number
Operating
Temperature
Range
Eco
Status
Package
Packing
Method
FMS6690MTC20X
0° to 70°C
RoHS
20-Lead Thin Shrink Outline Package (TSSOP)
2500 Units in
Tape and Reel
For Fairchild’s definition of Eco Status, please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com