Electronic Components Datasheet Search
  English  ▼

X  

AD7170 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7170
Description  12-Bit Low Power Sigma-Delta ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7170 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7170 Datasheet HTML 5Page - Analog Devices AD7170 Datasheet HTML 6Page - Analog Devices AD7170 Datasheet HTML 7Page - Analog Devices AD7170 Datasheet HTML 8Page - Analog Devices AD7170 Datasheet HTML 9Page - Analog Devices AD7170 Datasheet HTML 10Page - Analog Devices AD7170 Datasheet HTML 11Page - Analog Devices AD7170 Datasheet HTML 12Page - Analog Devices AD7170 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AD7170
Data Sheet
Rev. B | Page 8 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
10
8
6
4
2
0
–40
–10
20
50
80
110
TEMPERATURE (°C)
VREF = VDD = 3V
VREF = VDD = 5V
Figure 6. AD7170 RMS Noise vs. Temperature
0.020
–0.015
–0.010
–0.005
0
0.005
0.010
0.015
–3
3
2
1
0
–1
–2
VIN (V)
Figure 7. Integral Nonlinearity (VREF = VDD)
180
120
140
160
–40
–10
20
50
80
110
TEMPERATURE (°C)
Figure 8. Offset vs. Temperature
0.025
0.015
0.017
0.021
0.019
0.023
–40
–10
20
50
80
110
TEMPERATURE (°C)
Figure 9. Gain Error vs. Temperature
140
132
124
116
108
100
–40
–10
20
50
80
110
TEMPERATURE (°C)
VREF = VDD = 3V
VREF = VDD = 5V
Figure 10. Power Supply Current vs. Temperature
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–40
–10
20
50
80
110
TEMPERATURE (°C)
VREF = VDD = 3V
VREF = VDD = 5V
Figure 11. Power-Down Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com