Electronic Components Datasheet Search
  English  ▼

X  

AD7193 Datasheet(PDF) 52 Page - Analog Devices

Part # AD7193
Description  24-Bit Sigma-Delta ADC with PGA
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7193 Datasheet(HTML) 52 Page - Analog Devices

Back Button AD7193 Datasheet HTML 48Page - Analog Devices AD7193 Datasheet HTML 49Page - Analog Devices AD7193 Datasheet HTML 50Page - Analog Devices AD7193 Datasheet HTML 51Page - Analog Devices AD7193 Datasheet HTML 52Page - Analog Devices AD7193 Datasheet HTML 53Page - Analog Devices AD7193 Datasheet HTML 54Page - Analog Devices AD7193 Datasheet HTML 55Page - Analog Devices AD7193 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Data Sheet
AD7193
Rev. E | Page 51 of 56
Figure 65 shows the filter response when FS[9:0] is set to 5 and
the post filter averages by 16. In this case, the output data rate is
equal to 53.33 Hz when the first filter notch is placed at 60 Hz.
The rejection at 60 Hz ± 0.5 Hz is equal to 40 dB minimum.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 65. Filter Response for Average + Decimate Filter
(Sinc3 Filter, FS[9:0] = 5, Average by 16)
Simultaneous 50 Hz/60 Hz rejection is achieved when FS[9:0] is
set to 30 and the postfilter averages by 16. The output data rate
is equal to 8.9 Hz whereas the rejection at 50 Hz ± 0.5 Hz and
60 Hz ± 0.5 Hz is typically 42 dB.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
306090
120
150
FREQUENCY (Hz)
Figure 66. Filter Response for Average + Decimate Filter
(Sinc3 Filter, FS[9:0] = 30, Average by 16)
Simultaneous 50 Hz and 60 Hz rejection is also achieved by using
an FS word of 96 and averaging by 16, which places a notch at
50 Hz. Setting the REJ60 bit to 1 places a notch at 60 Hz (see
Figure 67). The output data rate is reduced to 2.78 Hz with this
configuration, but the rejection is improved to 94 dB typically at
50 Hz ± 1 Hz and 60 Hz ± 1 Hz.
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
30
60
90
120
150
FREQUENCY (Hz)
Figure 67. Filter Response for Average + Decimate Filter
(Sinc3 Filter, FS[9:0] = 96, Average by 16)
FAST SETTLING MODE (CHOP ENABLED)
Chop can be enabled in the fast settling mode. With chop
enabled, the ADC offset and offset drift are minimized. The
analog input pins are continuously swapped. With the analog
input pins connected in one direction, the settling time of the
sinc filter is allowed and a conversion is recorded. The analog
input pins are then inverted, and another settled conversion is
obtained. Subsequent conversions are averaged so that the offset
is minimized. This continuous swapping of the analog input
pins and the averaging of subsequent conversions means that
the offset drift is also minimized.
Chopping does not change the output data rate. However, the
settling time equals
tSETTLE = 2/fADC
Consequently, if chop is enabled, the sinc4 filter is selected, FS[9:0]
is set to 6, averaging by 16 is enabled, and the output data rate is
equal to 42.1 Hz. Therefore, the conversion time equals 1/42.10 Hz
or 23.75 ms, and the settling time is equal to 47.5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com