Electronic Components Datasheet Search
  English  ▼

X  

AD7291BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD7291BCPZ
Description  Temperature Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7291BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7291BCPZ Datasheet HTML 9Page - Analog Devices AD7291BCPZ Datasheet HTML 10Page - Analog Devices AD7291BCPZ Datasheet HTML 11Page - Analog Devices AD7291BCPZ Datasheet HTML 12Page - Analog Devices AD7291BCPZ Datasheet HTML 13Page - Analog Devices AD7291BCPZ Datasheet HTML 14Page - Analog Devices AD7291BCPZ Datasheet HTML 15Page - Analog Devices AD7291BCPZ Datasheet HTML 16Page - Analog Devices AD7291BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD7291
Data Sheet
Rev. C | Page 12 of 28
CIRCUIT INFORMATION
The AD7291 includes an 8-channel multiplexer, an on-chip
track-and-hold amplifier, an analog-to-digital converter (ADC),
an on-chip oscillator, internal data registers, an internal tempera-
ture sensor, and an I2C-compatible serial interface, all housed in
a 20-lead LFCSP. This package offers considerable space-saving
advantages over alternative solutions. The device can operate from
a single supply from 2.8 V to 3.6 V and offers 12 bits of resolution.
The AD7291 has eight single-ended input channels and an on-
chip ±12 ppm reference. The analog input range for the AD7921 is
0 V to VREF. The AD7291 includes a high accuracy band gap
temperature sensor, which is monitored and digitized by the 12-bit
ADC to give a resolution of 0.25°C.
The AD7291 typically remains in a partial power-down state
while not converting. When supplies are first applied, the device
powers up in a partial power-down state. Power-up is initiated
prior to a conversion, and the device returns to partial power-
down mode when the conversion is complete. Conversions can
be initiated by using the autocycle mode or command mode
where wake-up and a conversion occur during a write address
function. When the conversion is complete, the AD7291 again
enters partial power-down mode.
In command mode at the beginning of a read, the AD7291
wakes up completely, that is, becomes fully functional and
completes the conversion while the address is being read out. In
autocylce mode, conversions occur at 50 μs intervals; that is, the
AD7291 exits partial power-down mode and powers up fully at
50 μs intervals. This automatic partial power-down feature
allows power saving between conversions. Any read or write
operation across the I2C interface can occur while the device is
in partial power-down mode.
CONVERTER OPERATION
The AD7291 is a 12-bit successive approximation ADC based
around a capacitive DAC. Figure 18 and Figure 19 show simpli-
fied schematics of the ADC during the acquisition and conversion
phase, respectively. The ADC comprises control logic, SAR,
and a capacitive DAC that are used to add and subtract fixed
amounts of charge from the sampling capacitor to bring the
comparator back into a balanced condition. Figure 18 shows the
acquisition phase. SW2 is closed and SW1 is in Position A, the
comparator is held in a balanced condition, and the sampling
capacitor acquires the signal on the selected VIN channel.
CONTROL
LOGIC
CAPACITIVE
DAC
VIN
A
B
SW1
SW2
GND1
COMPARATOR
Figure 18. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 19), SW2
opens and SW1 moves to Position B, causing the comparator
to become unbalanced. The control logic and the capacitive
DAC are used to add and subtract fixed amounts of charge to
bring the comparator back into a balanced condition. When the
comparator is rebalanced, the conversion is complete. The
control logic generates the ADC output code. Figure 21 shows
the transfer functions of the ADC.
CONTROL
LOGIC
CAPACITIVE
DACE
VIN
A
B
SW1
SW2
GND1
COMPARATOR
Figure 19. ADC Conversion Phase
ANALOG INPUT
Figure 20 shows an equivalent circuit of the analog input struc-
ture of the AD7291. The two diodes, D1 and D2, provide ESD
protection for the analog inputs. Care must be taken to ensure
that the analog input signal never exceeds the internally generated
LDO voltage of 2.5 V (DCAP) by more than 300 mV. This causes
the diodes to become forward biased and start conducting current
into the substrate. The maximum current these diodes can
conduct without causing irreversible damage to the device is
10 mA. Capacitor C1, in Figure 20, is typically about 8 pF and
can primarily be attributed to pin capacitance. Resistor R1 is a
lumped component made up of the on resistance of a switch (track-
and-hold switch) and the on resistance of the input multiplexer.
The total resistance is typically about 155 Ω. Capacitor C2 is the
ADC sampling capacitor and has a capacitance of 34 pF typically.
C1
8pF
C2
34pF
R1
D2
CONVERSION PHASE: SWITCH OPEN
TRACK PHASE: SWITCH CLOSED
D1
DCAP (2.5V)
VIN
Figure 20. Equivalent Analog Input Circuit
For ac applications, removing high frequency components from
the analog input signal is recommended by using an RC low-pass
filter on the relevant analog input pin. In applications where
harmonic distortion and signal-to-noise ratios are critical, the
analog input must be driven from a low impedance source.
Large source impedances significantly affect the ac performance
of the ADC. This can necessitate the use of an input buffer
amplifier. The choice of the op amp is a function of the particular
application performance criteria.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com