Electronic Components Datasheet Search
  English  ▼

X  

AD7606 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7606
Description  8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7606 Datasheet HTML 9Page - Analog Devices AD7606 Datasheet HTML 10Page - Analog Devices AD7606 Datasheet HTML 11Page - Analog Devices AD7606 Datasheet HTML 12Page - Analog Devices AD7606 Datasheet HTML 13Page - Analog Devices AD7606 Datasheet HTML 14Page - Analog Devices AD7606 Datasheet HTML 15Page - Analog Devices AD7606 Datasheet HTML 16Page - Analog Devices AD7606 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
AD7606/AD7606-6/AD7606-4
Rev. D | Page 13 of 36
AD7606-4
TOP VIEW
(Not to Scale)
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
PIN 1
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
AGND
AVCC 1
3
4
FRSTDATA
7
6
5
OS 2
2
8
9
10
12
13
14
15
16
11
DB0
BUSY
CONVST B
CONVST A
RANGE
RESET
RD/SCLK
CS
PAR/SER/BYTE SEL
OS 1
OS 0
STBY
DECOUPLING CAP PIN
DATA OUTPUT
POWER SUPPLY
ANALOG INPUT
GROUND PIN
DIGITAL OUTPUT
DIGITAL INPUT
REFERENCE INPUT/OUTPUT
DB15/BYTE SEL
REFIN/REFOUT
48
46
45
42
43
44
47
41
40
39
37
36
35
34
33
38
AGND
AVCC
REFGND
REFCAPA
AGND
AGND
AGND
REFCAPB
REFGND
REGCAP
REGCAP
AVCC
AVCC
REF SELECT
Figure 10. AD7606-4 Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Type1
Mnemonic
Description
AD7606
AD7606-6
AD7606-4
1, 37, 38,
48
P
AVCC
AVCC
AVCC
Analog Supply Voltage, 4.75 V to 5.25 V. This supply voltage is applied to
the internal front-end amplifiers and to the ADC core. These supply pins
should be decoupled to AGND.
2, 26, 35,
40, 41, 47
P
AGND
AGND
AGND
Analog Ground. These pins are the ground reference points for all analog
circuitry on the AD7606. All analog input signals and external reference
signals should be referred to these pins. All six of these AGND pins should
connect to the AGND plane of a system.
5, 4, 3
DI
OS [2:0]
OS [2:0]
OS [2:0]
Oversampling Mode Pins. Logic inputs. These inputs are used to select the
oversampling ratio. OS 2 is the MSB control bit, and OS 0 is the LSB control
bit. See the Digital Filter section for more details about the oversampling
mode of operation and Table 9 for oversampling bit decoding.
6
DI
PAR/SER/
BYTE SEL
PAR/SER/
BYTE SEL
PAR/SER/
BYTE SEL
Parallel/Serial/Byte Interface Selection Input. Logic input. If this pin is tied to
a logic low, the parallel interface is selected. If this pin is tied to a logic high,
the serial interface is selected. Parallel byte interface mode is selected when
this pin is logic high and DB15/BYTE SEL is logic high (see Table 8).
In serial mode, the RD/SCLK pin functions as the serial clock input. The
DB7/DOUTA pin and the DB8/DOUTB pin function as serial data outputs. When
the serial interface is selected, the DB[15:9] and DB[6:0] pins should be tied to
ground.
In byte mode, DB15, in conjunction with PAR/SER/BYTE SEL, is used to select
the parallel byte mode of operation (see Table 8). DB14 is used as the HBEN
pin. DB[7:0] transfer the 16-bit conversion results in two RD operations,
with DB0 as the LSB of the data transfers.
7
DI
STBY
STBY
STBY
Standby Mode Input. This pin is used to place the AD7606/AD7606-6/
AD7606-4 into one of two power-down modes: standby mode or shutdown
mode. The power-down mode entered depends on the state of the RANGE
pin, as shown in Table 7. When in standby mode, all circuitry, except the on-
chip reference, regulators, and regulator buffers, is powered down. When
in shutdown mode, all circuitry is powered down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com