Electronic Components Datasheet Search
  English  ▼

X  

AD7986 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7986
Description  15 mW ADC in LFCSP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7986 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7986 Datasheet HTML 12Page - Analog Devices AD7986 Datasheet HTML 13Page - Analog Devices AD7986 Datasheet HTML 14Page - Analog Devices AD7986 Datasheet HTML 15Page - Analog Devices AD7986 Datasheet HTML 16Page - Analog Devices AD7986 Datasheet HTML 17Page - Analog Devices AD7986 Datasheet HTML 18Page - Analog Devices AD7986 Datasheet HTML 19Page - Analog Devices AD7986 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Data Sheet
AD7986
Rev. D | Page 15 of 28
ANALOG INPUTS
Figure 24 shows an equivalent circuit of the input structure of
the AD7986.
The two diodes, D1 and D2, provide ESD protection for the analog
inputs, IN+ and IN−. Take care to ensure the analog input signal
does not exceed the reference input voltage (REF) by more than
0.3 V. If the analog input signal exceeds this level, the diodes
become forward-biased and start conducting current. These
diodes can handle a forward-biased current of 130 mA maximum.
However, if the supplies of the input buffer (for example, the V+
and V− supplies of the buffer amplifier in Figure 23) are different
from those of REF, the analog input signal may eventually exceed
the supply rails by more than 0.3 V. In such a case (for example,
an input buffer with a short circuit), the current limitation can
protect the device.
CPIN
REF
RIN
CIN
D1
D2
IN+ OR IN–
GND
Figure 24. Equivalent Analog Input Circuit
The analog input structure allows the sampling of the true
differential signal between IN+ and IN−. By using these differential
inputs, signals common to both inputs are rejected.
During the acquisition phase, the impedance of the analog
inputs (IN+ or IN−) can be modeled as a parallel combination
of Capacitor CPIN and the network formed by the series connection
of Resistor RIN and Capacitor CIN. Capacitor CPIN is primarily the
pin capacitance. Resistor RIN is typically 400 Ω and is a lumped
component composed of serial resistors and the on resistance of
the switches. Capacitor CIN is typically 30 pF and is mainly the
ADC sampling capacitor.
During the sampling phase, where the switches are closed, the
input impedance is limited to Capacitor CPIN. Resistor RIN and
Capacitor CIN make a one-pole, low-pass filter that reduces
undesirable aliasing effects and limits noise.
When the source impedance of the driving circuit is low, the
AD7986 can be driven directly. Large source impedances
significantly affect the ac performance, especially THD. The
dc performances are less sensitive to the input impedance. The
maximum source impedance depends on the amount of THD
that can be tolerated. The THD degrades as a function of the
source impedance and the maximum input frequency.
DRIVER AMPLIFIER CHOICE
Although the AD7986 is easy to drive, the driver amplifier must
meet the following requirements:
•
The noise generated by the driver amplifier must be kept as
low as possible to preserve the SNR and transition noise
performance of the AD7986. The noise from the driver is
filtered by the AD7986 analog input circuit one-pole, low-
pass filter, made by RIN and CIN or by the external filter if
one is used. Because the typical noise of the AD7986 is
44 µV rms, the SNR degradation due to the amplifier is
π
+
=
−
2
3
2
)
(
2
44
44
log
20
N
dB
LOSS
Ne
f
SNR
where:
f–3dB is the input bandwidth, in megahertz, of the AD7986
(19 MHz) or the cutoff frequency of the input filter, if
one is used.
N is the noise gain of the amplifier (for example, 1 in buffer
configuration).
eN is the equivalent input noise voltage of the operational
amplifier, in nV/√Hz.
•
For ac applications, the driver must have a THD perfor-
mance commensurate with the AD7986.
•
For multichannel multiplexed applications, the driver
amplifier and the AD7986 analog input circuit must settle
for a full-scale step onto the capacitor array at an 18-bit level
(0.0004%, 4 ppm). In the data sheet of the driver amplifier,
settling at 0.1% to 0.01% is more commonly specified. This
may differ significantly from the settling time at an 18-bit
level and must be verified prior to driver selection.
Table 8. Recommended Driver Amplifiers
Amplifier
Typical Application
AD8021
Very low noise and high frequency
AD8022
Low noise and high frequency
ADA4899-1
Ultralow noise and high frequency
AD8014
Low power and high frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com