Electronic Components Datasheet Search
  English  ▼

X  

REM1 Datasheet(PDF) 3 Page - Recom International Power

Part # REM1
Description  1 Watt SIP7 Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REM1 Datasheet(HTML) 3 Page - Recom International Power

  REM1 Datasheet HTML 1Page - Recom International Power REM1 Datasheet HTML 2Page - Recom International Power REM1 Datasheet HTML 3Page - Recom International Power REM1 Datasheet HTML 4Page - Recom International Power REM1 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±5% max.
Line Regulation
low line to high line, full load
±1.2% typ. @ 1% of Vin
Load Regulation
10% to 100% load
3.3Vout and 5Vout
12Vout
±8% typ. / ±12% max.
±5% typ. / ±8% max.
MED-3
REV.: 2/2017
www.recom-power.com
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
REM1
Series
REM1-xx3.3S
REM1-xx05S
REM1-xx12S
3.33.3
053.3
123.3
153.3
243.3
Load Current [A]
0
-10
0
10
20
20
10
30
-5
40
50
60
5
80
90
70
100
15
25
30
3.305
0505
1205
1505
2405
Load Current [A]
0
-10
0
10
20
20
10
30
-5
40
50
60
5
80
90
70
100
15
25
30
3.312
0512
Load Current [A]
0
-10
0
10
20
20
10
30
-5
40
50
60
5
80
90
70
100
15
25
30
Accuracy vs. Load
PROTECTIONS
Parameter
Type
Value
Isolation Voltage (4)
I/P to O/P
tested for 1 minute
5.2kVDC
4kVAC
Isolation Resistance
10G
Ω min.
Isolation Capacitance
25pF typ.
Insulation Grade
reinforced
Means of Protection
250VAC working voltage
2MOPP
Creepage and Clearance
≥8mm
Notes:
Note4: For repeat Hi-Pot testing, reduce the time and/or the test voltage.
Note5: An input fuse is required if the mains supply is not over-current protected. Recommended fuse: T1A slow blow type



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com