Electronic Components Datasheet Search
  English  ▼

X  

R-REF01-HB Datasheet(PDF) 11 Page - Recom International Power

Part # R-REF01-HB
Description  Half-bridge voltage up to 1kV
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF01-HB Datasheet(HTML) 11 Page - Recom International Power

Back Button R-REF01-HB Datasheet HTML 4Page - Recom International Power R-REF01-HB Datasheet HTML 5Page - Recom International Power R-REF01-HB Datasheet HTML 6Page - Recom International Power R-REF01-HB Datasheet HTML 7Page - Recom International Power R-REF01-HB Datasheet HTML 8Page - Recom International Power R-REF01-HB Datasheet HTML 9Page - Recom International Power R-REF01-HB Datasheet HTML 10Page - Recom International Power R-REF01-HB Datasheet HTML 11Page - Recom International Power R-REF01-HB Datasheet HTML 12Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Reference Design
P-11
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta= 25°C, 1.5Vin, full load after warm up unless otherwise stated)
R-REF01-HB
+V
in
+V
in
R-REF01-HB
U1
C
C
U1
EN
Reg
Con4
Con1
Con3
Con5
Con2
R-REF01-HB
U1
U1
EN
Reg
Con4
Con1
Con3
Con5
Con2
Half-bridge
Forward
Converter
Half-bridge
LLC
Converter
Half-bridge
Flyback
Converter
+V
out, iso
+V
out, iso
+V
out, iso
C
out
C
out
L
out
+V
in
L
r
C
r
C
out
R-REF01-HB
U1
U1
EN
Reg
Con4
Con1
Con3
Con5
Con2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com