Electronic Components Datasheet Search
  English  ▼

X  

Z89371 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z89371
Description  16-BIT DIGITAL SIGNAL PROCESSORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89371 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z89371 Datasheet HTML 9Page - Zilog, Inc. Z89371 Datasheet HTML 10Page - Zilog, Inc. Z89371 Datasheet HTML 11Page - Zilog, Inc. Z89371 Datasheet HTML 12Page - Zilog, Inc. Z89371 Datasheet HTML 13Page - Zilog, Inc. Z89371 Datasheet HTML 14Page - Zilog, Inc. Z89371 Datasheet HTML 15Page - Zilog, Inc. Z89371 Datasheet HTML 16Page - Zilog, Inc. Z89371 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Z89321/371/391
Zilog
16-Bit Digital Signal Processors
DS97DSP0100
P R E L I M I N A R Y
13
1
AC ELECTRICAL CHARACTERISTICS
(VDD= 5V ±10%, TA = Ð40°C to +85°C, unless otherwise specified.)
fclock = 20 MHz1
Symbol
Parameter
Min
Max
Clock
TCY
Clock Cycle Time
50
Tr
Clock Rise Time
5
Tf
Clock Fall Time
5
CPW
Clock Pulse Width
20
I/O
DSVALID
/DS Valid Time from CLOCK Fall
0
18
DSHOLD
/DS Hold Time from CLOCK Rise
5
18
EASET
EA Setup Time to /DS Fall
15
EAHOLD
EA Hold Time from /DS Rise
5
RDSET
Data Read Setup Time to /DS Rise
17
RDHOLD
Data Read Hold Time from /DS Rise
8
WRVALID
Data Write Valid Time from /DS Fall
20
WRHOLD
Data Write Hold Time from /DS Rise
6
Interrupt
INTSET
Interrupt Setup Time to CLOCK Fall
9
INTWIDTH
Interrupt Low Pulse Width
1 TCY
CODEC Interface
SSET
SCLK Setup Time from Clock Rise
18
FSSET
FSYNC Setup Time from SCLK Rise
8
TXSET
TXD Setup Time from SCLK Rise
9
RXSET
RXD Setup Time to SCLK Fall
9
RXHOLD
RXD Hold Time from SCLK Fall
0
Reset
RRISE
Reset Rise Time
1000
RSET
Reset Setup Time to CLOCK Rise
18
RWIDTH
Reset Low Pulse Width
2 TCY
External Program Memory
PAVALID
PA Valid Time from CLOCK Rise
25
PDSET
PD Setup Time to CLOCK Rise
12
PDHOLD
PD Hold Time from CLOCK Rise
12
Wait State
WSET
WAIT Setup Time to CLOCK Rise
28
WHOLD
WAIT Hold Time from CLOCK Rise
2
Halt
HSET
Halt Setup Time to CLOCK Rise
4
HHOLD
Halt Hold Time from CLOCK Rise
12
Note:
1. Z89321 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com