Electronic Components Datasheet Search
  English  ▼

X  

PE4594 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4594
Description  SMC Plug Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4594 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4594 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4594 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4594 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMC Plug Connector
• 50 Ohms
• Straight Body Geometry
• RG55, RG142, RG223, RG400 Interface Type
• Crimp/Solder Attachment
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4594 SMC plug connector with crimp/solder attachment for RG55, RG142, RG223 and RG400 is part of our
full line of RF components available for same-day shipping.
Our SMC plug connector PE4594 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
.
Weight
0.006 lbs [2.72 g]
.
Material Specifications
Description
Material
Plating
Body
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMC Plug Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400 PE4594
PE4594 REV 1.1
SMC Plug Connector Crimp/Solder Attachment
For RG55, RG142, RG223, RG400
RF Connectors Technical Data Sheet
PE4594


Similar Part No. - PE4594

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4594 PASTERNACK-PE4594 Datasheet
110Kb / 1P
SMC PLUG CRIMP ATTACHMENT FOR RG55, RG142, RG223 & RG400
More results

Similar Description - PE4594

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4558 PASTERNACK-PE4558 Datasheet
200Kb / 2P
SMC Plug Connector Crimp/Solder Attachment For RG58
PE4557 PASTERNACK-PE4557_16 Datasheet
315Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4558 PASTERNACK-PE4558_16 Datasheet
314Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4045 PASTERNACK-PE4045_16 Datasheet
351Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4051 PASTERNACK-PE4051_16 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
PE4074 PASTERNACK-PE4074_16 Datasheet
399Kb / 3P
SMC Plug Connector Crimp/Solder Attachment
PE4094 PASTERNACK-PE4094_16 Datasheet
360Kb / 3P
SMC Jack Connector Crimp/Solder Attachment
PE4158 PASTERNACK-PE4158_16 Datasheet
320Kb / 3P
75 Ohm SMC Plug Connector Crimp/Solder Attachment
PE4160 PASTERNACK-PE4160_16 Datasheet
374Kb / 3P
SMC Plug Right Angle Connector Crimp/ Solder Attachment
PE4249 PASTERNACK-PE4249_16 Datasheet
355Kb / 3P
75 Ohm SMC Plug Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com