Electronic Components Datasheet Search
  English  ▼

X  

PE4597 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4597
Description  75 Ohm BNC Male Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4597 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4597 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4597 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4597 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• 75 Ohms
• Straight Body Geometry
• RG6 Interface Type
• Clamp/Solder Attachment
Features
• Gold Plated Contact
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4597 75 ohm BNC male connector clamp/solder attachment for RG6 is part of our full line of RF components
available for same-day shipping.
Our 75 ohm BNC male connector PE4597 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.2 in [30.48 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.048 lbs [21.77 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
Insulation
PTFE
Body
Brass
Nickel
Coupling Nut
Brass
Nickel
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Male Connector Clamp/Solder Attachment for RG6 PE4597
PE4597 REV 1.1
75 Ohm BNC Male Connector Clamp/Solder Attachment for RG6
RF Connectors Technical Data Sheet
PE4597


Similar Part No. - PE4597

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4597 PASTERNACK-PE4597 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6
More results

Similar Description - PE4597

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4601 PASTERNACK-PE4601 Datasheet
311Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG59
PE4597 PASTERNACK-PE4597 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6
PE4599 PASTERNACK-PE4599_16 Datasheet
331Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4601 PASTERNACK-PE4601_16 Datasheet
414Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4603 PASTERNACK-PE4603_16 Datasheet
389Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4605 PASTERNACK-PE4605_16 Datasheet
328Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment
PE4606 PASTERNACK-PE4606_16 Datasheet
330Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4607 PASTERNACK-PE4607_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4611 PASTERNACK-PE4611_16 Datasheet
333Kb / 3P
75 Ohm BNC Female Connector Clamp/ Solder Attachment
PE4612 PASTERNACK-PE4612_16 Datasheet
329Kb / 3P
75 Ohm BNC Female Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com