Electronic Components Datasheet Search
  English  ▼

X  

PE4608 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4608
Description  75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4608 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4608 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4608 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4608 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• 75 Ohms
• Right Angle Body Geometry
• RG59, RG62, RG71 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 500 MHz
• Good VSWR of 1.5:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
• CATV
.
Description
Pasternack’s PE4608 75 ohm BNC male right angle connector with crimp/solder attachment for RG59, RG62 and RG71 is
part of our full line of RF components available for same-day shipping. Our BNC male connector operates up to a maximum
frequency of 500 MHz and offers good VSWR of 1.5:1. Its right angle body geometry allows for easier connections in tight
spaces.
Our 75 ohm BNC male right angle connector PE4608 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
500
MHz
VSWR
1.5:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.344 in [34.14 mm]
Width/Dia.
0.57 in [14.48 mm]
Height
1.143 in [29.03 mm]
.
Weight
0.054 lbs [24.49 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 75 Ohm BNC Male Right Angle Connector Crimp/Solder Attachment for RG59, RG62,
RG71 PE4608
PE4608 REV 1.2
75 Ohm BNC Male Right Angle Connector Crimp/
Solder Attachment for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4608


Similar Part No. - PE4608

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4608 PASTERNACK-PE4608 Datasheet
1Mb / 3P
75 Ohm BNC Male Right Angle Connector Crimp - Solder Attachment For RG59
More results

Similar Description - PE4608

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4610 PASTERNACK-PE4610 Datasheet
220Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment For RG179, RG187
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE4608 PASTERNACK-PE4608 Datasheet
1Mb / 3P
75 Ohm BNC Male Right Angle Connector Crimp - Solder Attachment For RG59
PE4600 PASTERNACK-PE4600_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4602 PASTERNACK-PE4602_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Crimp Attachment
PE4604 PASTERNACK-PE4604_16 Datasheet
322Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4605 PASTERNACK-PE4605_16 Datasheet
328Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment
PE4606 PASTERNACK-PE4606_16 Datasheet
330Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4607 PASTERNACK-PE4607_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PE4610 PASTERNACK-PE4610_16 Datasheet
321Kb / 3P
75 Ohm BNC Male Right Angle Connector Crimp/ Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com