Electronic Components Datasheet Search
  English  ▼

X  

PE9879 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9879
Description  WR-51 Square Type Flange to End Launch SMA Female Waveguide to Coax Adapter Operating From 15 GHz to 22 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9879 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9879 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9879 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9879 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Waveguide Size
WR-51
Flange
Square Type
RF Connector
SMA Female
Impedance
50 Ohms
Body Geometry
End Launch
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
15
22
GHz
VSWR
1.3:1
.
Mechanical Specifications
Size
Length
1.16 in [29.46 mm]
Width
1.325 in [33.66 mm]
Height
1.325 in [33.66 mm]
Weight
0.123 lbs [55.79 g]
RF Connector
Connector Type
SMA Female
Body Material and Plating
Passivated Stainless Steel
Waveguide Interface
Waveguide Type
WR-51
Flange Type
Square Type
Body Material and Plating
Aluminum
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at +25 °C, sea level unless stated otherwise
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-51 Square Type Flange to End Launch SMA Female Waveguide to Coax Adapter Operat-
ing From 15 GHz to 22 GHz PE9879
PE9879
PE9879 REV 1.2
WR-51 Square Type Flange to End Launch SMA Female
Waveguide to Coax Adapter Operating From 15 GHz to 22 GHz
Waveguide to Coax Adapters Technical Data Sheet


Similar Part No. - PE9879

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9870 PASTERNACK-PE9870 Datasheet
76Kb / 1P
WAVEGUIDE TO N FEMALE FREQUENCY RANGE: 7,05~10,0 GH
PE9871 PASTERNACK-PE9871 Datasheet
345Kb / 3P
WR-102 Square Type Flange to End Launch SMA Female Waveguide to Coax Adapter Operating From 7 GHz to 11 GHz
PE9872 PASTERNACK-PE9872 Datasheet
246Kb / 2P
WR-430 to N Female Waveguide to Coax Adapter 1.7 GHz to 2.6 GHz
PE9873 PASTERNACK-PE9873 Datasheet
443Kb / 4P
WR-90 CPR-90G Grooved Flange to N Female Waveguide to Coax Adapter Operating From 8.2 GHz to 12.4 GHz, X Band
PE9874 PASTERNACK-PE9874 Datasheet
387Kb / 4P
WR-75 Square Type Flange to N Female Waveguide to Coax Adapter Operating From 10 GHz to 15 GHz, X-Ku Band
More results

Similar Description - PE9879

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9828 PASTERNACK-PE9828 Datasheet
269Kb / 2P
WR-51 to SMA Female Waveguide to Coax Adapter 15 GHz to 22 GHz
PE-W51TF005-24 PASTERNACK-PE-W51TF005-24 Datasheet
405Kb / 4P
WR-51 Flexible Waveguide Twist With a Square Cover Flange Operating From 15 GHz to 22 GHz
PE-W51TF005-36 PASTERNACK-PE-W51TF005-36 Datasheet
407Kb / 4P
WR-51 Flexible Waveguide Twist With a Square Cover Flange Operating From 15 GHz to 22 GHz
PE9871 PASTERNACK-PE9871 Datasheet
345Kb / 3P
WR-102 Square Type Flange to End Launch SMA Female Waveguide to Coax Adapter Operating From 7 GHz to 11 GHz
PE9874 PASTERNACK-PE9874 Datasheet
387Kb / 4P
WR-75 Square Type Flange to N Female Waveguide to Coax Adapter Operating From 10 GHz to 15 GHz, X-Ku Band
PEWCA1002 PASTERNACK-PEWCA1002 Datasheet
367Kb / 3P
WR-51 Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 15 GHz to 22 GHz, N Band
PEWCA1004 PASTERNACK-PEWCA1004 Datasheet
375Kb / 4P
WR-75 Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 10 GHz to 15 GHz, M Band
PEWCA1010 PASTERNACK-PEWCA1010 Datasheet
367Kb / 3P
WR-112 UG-51/U Square Cover Flange to SMA Female Waveguide to Coax Adapter Operating From 7.05 GHz to 10 GHz, H Band
PE-W51SF005-36 PASTERNACK-PE-W51SF005-36 Datasheet
391Kb / 4P
WR-51 Seamless Flexible Waveguide, Square Cover Flange Operating From 15 GHz to 22 GHz
PEWAD5011 PASTERNACK-PEWAD5011 Datasheet
419Kb / 4P
WR-51 Waveguide Bulkhead Adapter Square Cover Flange, 15 GHz to 22 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com