Electronic Components Datasheet Search
  English  ▼

X  

60CPF10 Datasheet(PDF) 4 Page - International Rectifier

Part # 60CPF10
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60CPF10 Datasheet(HTML) 4 Page - International Rectifier

  60CPF10 Datasheet HTML 1Page - International Rectifier 60CPF10 Datasheet HTML 2Page - International Rectifier 60CPF10 Datasheet HTML 3Page - International Rectifier 60CPF10 Datasheet HTML 4Page - International Rectifier 60CPF10 Datasheet HTML 5Page - International Rectifier 60CPF10 Datasheet HTML 6Page - International Rectifier 60CPF10 Datasheet HTML 7Page - International Rectifier 60CPF10 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
60EPF.. 60CPF.. HV QUIET
IR Series
Bulletin I2130 rev. B 01/01
www.irf.com
Fig.7-ForwardVoltageDropCharacteristics
Fig.9-RecoveryTimeCharacteristics,T
J = 150°C
Fig.8-RecoveryTimeCharacteristics,T
J = 25°C
Fig.10-RecoveryChargeCharacteristics,T
J =25°C
Fig.11-RecoveryChargeCharacteristics,T
J=150°C
1
10
100
10 00
0
0.5
11 .5
22 .5
3
T = 25 C
J
In sta n tan e ous Forw ard V o ltag e (V )
T = 150 C
J
60.PF.. Series
0
100
200
300
400
500
600
040
80
1 20
1 60
20 0
Ra te Of Fa ll Of Forw a rd C urre n t - d i/d t (A / s)
1 A
5 A
10 A
60.PF.. S eries
T = 25 C
J
30 A
I
= 60 A
FM
0
200
400
600
800
10 0 0
12 0 0
0
4 0
8 0
1 20
16 0
2 00
Rate Of Fall Of Forw a rd C urre n t - di/dt (A / s)
1 A
5 A
10 A
I
= 60 A
FM
30 A
60.PF.. Se rie s
T = 150 C
J
0
20 0 0
40 0 0
60 0 0
80 0 0
10 00 0
12 00 0
0
4 0
8 0
1 20
1 60
2 00
Rate Of Fall Of Forw a rd C urre n t - di/dt (A/ s)
1 A
5 A
10 A
30 A
I
= 60 A
FM
60.PF.. S eries
T = 25 C
J
0
50 00
10 0 00
15 0 00
20 0 00
25 0 00
0
40
8 0
120
1 60
200
Rate Of Fall Of Forw a rd C urre n t - di/dt (A/ s)
1 A
5 A
10 A
60.PF.. Se rie s
T = 150 C
J
30 A
I
= 60 A
FM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com