Electronic Components Datasheet Search
  English  ▼

X  

AD7787 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7787
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7787 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7787 Datasheet HTML 7Page - Analog Devices AD7787 Datasheet HTML 8Page - Analog Devices AD7787 Datasheet HTML 9Page - Analog Devices AD7787 Datasheet HTML 10Page - Analog Devices AD7787 Datasheet HTML 11Page - Analog Devices AD7787 Datasheet HTML 12Page - Analog Devices AD7787 Datasheet HTML 13Page - Analog Devices AD7787 Datasheet HTML 14Page - Analog Devices AD7787 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7787
Rev. 0 | Page 11 of 20
Table 7. Channel Selection
CH1
CH0
Channel
0
0
AIN1(+) − AIN1(−)
0
1
AIN2
1
0
AIN1(−) − AIN1(−)
1
1
VDD Monitor
STATUS REGISTER (RS1, RS0 = 0, 0; POWER-ON/RESET = 0×8C)
The status register is an 8-bit read-only register. To access the ADC status register, the user must write to the communications register,
select the next operation to be a read, and load Bits RS1 and RS0 with 0s. Table 8 outlines the bit designations for the status register. SR0
through SR7 indicate the bit locations, SR denoting the bits are in the status register. SR7 denotes the first bit of the data stream. The
number in the parenthesis indicates the power-on/reset default status of that bit.
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
RDY (1)
ERR (0)
0 (0)
0 (0)
1 (1)
1 (1)
CH1 (0)
CH0 (0)
Table 8. Status Register Bit Designations
Bit
Location
Bit
Name
Description
SR7
RDY
Ready Bit for ADC. Cleared when data is written to the ADC data register. The RDY bit is set automatically after the
ADC data register has been read or a period of time before the data register is updated with a new conversion result
to indicate to the user not to read the conversion data. It is also set when the part is placed in power-down mode.
The end of a conversion is indicated by the DOUT/RDY pin also. This pin can be used as an alternative to the status
register for monitoring the ADC for conversion data.
SR6
ERR
ADC Error Bit. This bit is written to at the same time as the RDY bit. Set to indicate that the result written to the ADC
data register has been clamped to all 0s or all 1s. Error sources include overrange, underrange. Cleared by a write
operation to start a conversion.
SR5 to
SR4
0
These bits are automatically cleared.
SR3 to
SR2
1
These bits are automatically set.
SR1 to
SR0
CH1 to
CH0
These bits indicate which channel is being converted by the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com