Electronic Components Datasheet Search
  English  ▼

X  

PE39420-18 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39420-18
Description  SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39420-18 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39420-18 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39420-18 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39420-18 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39420-18 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
How to Order
Part Number Configuration:
PE39420
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE39420-12 = 12 inches long cable
PE39420-100cm = 100 cm long cable
SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR405FL Coax,
RoHS from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length
Using PE-SR405FL Coax, RoHS PE39420-18
URL:
https://www.pasternack.com/sma-male-sma-female-pe-sr405fl-cable-assembly-pe39420-18-p.aspx
PE39420-18 REV 1.2
RF Cable Assemblies Technical Data Sheet
SMA Male Right Angle to SMA Female Bulkhead Semi-Flexible
Precision Cable 18 Inch Length Using PE-SR405FL Coax, RoHS
PE39420-18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com