Electronic Components Datasheet Search
  English  ▼

X  

PE39422 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE39422
Description  SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39422 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE39422 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39422 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39422 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39422 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Mechanical Specifications
Size
Diameter
0.433 in [11 mm]
.
Cable
Cable Type
PE-SR405FL
Inner Conductor Type
Solid
Cable Inner Conductor
Copper Clad Steel, Silver
No of Shields
1
Dielectric Type
PTFE
Connector 1
Type
SMA Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Connector 2
Type
MMCX Plug Right Angle
Configuration
Right Angle
Inner Conductor Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/15/2010
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
PE39422 REV 1.1
PE39422
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable Using PE-
SR405FL Coax, RoHS PE39422
SMA Female Bulkhead to MMCX Plug Right Angle Semi-
Flexible Precision Cable Using PE-SR405FL Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com