Electronic Components Datasheet Search
  English  ▼

X  

PE4552 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4552
Description  MCX Plug Connector Crimp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4552 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4552 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4552 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4552 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4552 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• MCX Plug Connector
• CECC 22220
• 50 Ohms
• Straight Body Geometry
• RG178, RG196 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 6 GHz
• Good VSWR of 1.35:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4552 MCX plug connector with crimp/solder attachment for RG178 and RG196 is part of our full line of RF
components available for same-day shipping. Our MCX plug connector operates up to a maximum frequency of 6 GHz and
offers good VSWR of 1.35:1.
Our MCX plug connector PE4552 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
6
GHz
VSWR
1.35:1
Insertion Loss
0.4
dB
Operating Voltage (AC)
335
Vrms
Dielectric Withstanding Voltage (AC)
500
Vrms
Inner Conductor DC Resistance
5
mOhms
Outer Conductor DC Resistance
1
mOhms
Insulation Resistance
1,000
MOhms
RF Leakage
60
dB
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Plug Connector Crimp/Solder Attachment for RG178, RG196 PE4552
PE4552 REV 1.1
MCX Plug Connector Crimp/Solder Attachment for RG178, RG196
RF Connectors Technical Data Sheet
PE4552


Similar Part No. - PE4552

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4552 PASTERNACK-PE4552 Datasheet
221Kb / 3P
MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
More results

Similar Description - PE4552

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4551 PASTERNACK-PE4551 Datasheet
261Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG316, RG174, RG188
PE4887 PASTERNACK-PE4887 Datasheet
230Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment
PE44298 PASTERNACK-PE44298 Datasheet
279Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG179, RG187
PE4552 PASTERNACK-PE4552 Datasheet
221Kb / 3P
MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE4882 PASTERNACK-PE4882 Datasheet
216Kb / 2P
MCX Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE44370 PASTERNACK-PE44370 Datasheet
221Kb / 3P
RP MCX Plug Connector Crimp-Solder Attachment For RG178, RG196
PE4551 PASTERNACK-PE4551_16 Datasheet
357Kb / 3P
MCX Plug Connector Crimp/Solder Attachment
PE4553 PASTERNACK-PE4553_16 Datasheet
376Kb / 3P
MCX Plug Right Angle Connector Crimp/Solder Attachment
PE4554 PASTERNACK-PE4554_16 Datasheet
375Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment
PE4562 PASTERNACK-PE4562_16 Datasheet
354Kb / 3P
MCX Jack Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com