Electronic Components Datasheet Search
  English  ▼

X  

PE4553 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4553
Description  MCX Plug Right Angle Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4553 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4553 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4553 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4553 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• MCX Plug Connector
• CECC 22220
• 50 Ohms
• Right Angle Body Geometry
• RG174, RG316, RG188, LMR-100, PE-B100, PE-
C100, 0.100 inch Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 3 GHz
• Good VSWR of 1.35:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4553 MCX plug right angle connector with crimp/solder attachment for RG174, RG316, RG188, LMR-100,
PE-B100, PE-C100 and 0.100 inch is part of our full line of RF components available for same-day shipping. Our MCX plug
connector operates up to a maximum frequency of 3 GHz and offers good VSWR of 1.35:1. Its right angle body geometry
allows for easier connections in tight spaces.
Our MCX plug right angle connector PE4553 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.35:1
Operating Voltage (AC)
250
Vrms
.
Mechanical Specifications
Size
Length
0.54 in [13.72 mm]
Width/Dia.
0.197 in [5.00 mm]
Height
0.339 in [8.61 mm]
.
Weight
0.009 lbs [4.08 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Plug Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188, LMR-
100, PE-B100, PE-C100, 0.100 inch PE4553
PE4553 REV 1.2
MCX Plug Right Angle Connector Crimp/Solder
Attachment for RG174, RG316, RG188, LMR-
100, PE-B100, PE-C100, 0.100 inch
RF Connectors Technical Data Sheet
PE4553


Similar Part No. - PE4553

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
More results

Similar Description - PE4553

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE44371 PASTERNACK-PE44371 Datasheet
204Kb / 2P
RP MCX Plug Right Angle Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44372 PASTERNACK-PE44372 Datasheet
595Kb / 3P
RP MCX Plug Right Angle Connector Crimp Solder Attachment For RG178, RG196
PE44299 PASTERNACK-PE44299 Datasheet
295Kb / 3P
75 Ohm MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG179, RG187
PE4553 PASTERNACK-PE4553 Datasheet
295Kb / 3P
MCX Plug Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4882 PASTERNACK-PE4882 Datasheet
216Kb / 2P
MCX Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4551 PASTERNACK-PE4551_16 Datasheet
357Kb / 3P
MCX Plug Connector Crimp/Solder Attachment
PE4552 PASTERNACK-PE4552_16 Datasheet
365Kb / 4P
MCX Plug Connector Crimp/Solder Attachment
PE4554 PASTERNACK-PE4554_16 Datasheet
375Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment
PE4051 PASTERNACK-PE4051_16 Datasheet
376Kb / 3P
SMC Plug Right Angle Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com