Electronic Components Datasheet Search
  English  ▼

X  

APM9928 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APM9928
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9928 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APM9928 Datasheet HTML 2Page - Anpec Electronics Coropration APM9928 Datasheet HTML 3Page - Anpec Electronics Coropration APM9928 Datasheet HTML 4Page - Anpec Electronics Coropration APM9928 Datasheet HTML 5Page - Anpec Electronics Coropration APM9928 Datasheet HTML 6Page - Anpec Electronics Coropration APM9928 Datasheet HTML 7Page - Anpec Electronics Coropration APM9928 Datasheet HTML 8Page - Anpec Electronics Coropration APM9928 Datasheet HTML 9Page - Anpec Electronics Coropration APM9928 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - July., 2003
www.anpec.com.tw
6
APM9928
0.01
0.1
1
10
0
5
10
15
20
25
30
30


0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
0.1
1
10
20

1E-4
1E-3
0.01
0.1
1
10
0.01
0.1
1
2
30

Source-Drain Diode Forward Voltage
TJ=150°C
TJ=25°C
VSD-Source-to-Drain Voltage (V)
Typical Characteristics (Cont.)
Single Pulse Power
Time (sec)
Square Wave Pulse Duration (sec)
Normalized Thermal Transient Impedence, Junction to Ambient
1.Duty Cycle, D=t1/t2
2.Per Unit Base=RthJA=50°C/W
3.TJM-TA=PDMZthJA
Duty Cycle=0.5
D=0.2
D=0.1
D=0.05
D=0.02
SINGLE PULSE
N-Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com