Electronic Components Datasheet Search
  English  ▼

X  

PE4573 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4573
Description  7/16 DIN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4573 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4573 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4573 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4573 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• 7/16 DIN Female Connector
• IEC 169-4
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 7.5 GHz
• Silver Plated Phosphor Bronze Contact
• Contact plating according to ASTM-B700
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4573 7/16 DIN female 4 hole flange mount connector with solder cup terminal (.975 inch hole spacing) is part
of our full line of RF components available for same-day shipping. Our 7/16 DIN female connector operates up to a maximum
frequency of 7.5 GHz. This 7/16 DIN 4 hole flange connector allows designers to create external connections on their product
enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our 7/16 DIN female 4 hole flange connector PE4573 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
7.5
GHz
Operating Voltage (AC)
2,700
Vrms
Dielectric Withstanding Voltage (AC)
4,000
Vrms
Insulation Resistance
10,000
MOhms
.
Mechanical Specifications
Size
Length
0.976 in [24.79 mm]
Width/Dia.
1.25 in [31.75 mm]
Height
1.25 in [31.75 mm]
.
Weight
0.176 lbs [79.83 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
.975 inch Hole Spacing PE4573
PE4573 REV 1.1
7/16 DIN Female Connector Solder Attachment 4 Hole Flange
Mount Solder Cup Terminal, .975 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4573


Similar Part No. - PE4573

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4573 PASTERNACK-PE4573 Datasheet
223Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .975 inch Hole Spacing
More results

Similar Description - PE4573

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4572 PASTERNACK-PE4572 Datasheet
294Kb / 2P
7/16 DIN Female Bulkhead Connector Solder Attachment Solder Cup Terminal
PE4573 PASTERNACK-PE4573 Datasheet
223Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .975 inch Hole Spacing
PE45085 PASTERNACK-PE45085 Datasheet
358Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4572 PASTERNACK-PE4572_16 Datasheet
319Kb / 3P
7/16 DIN Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4000 PASTERNACK-PE4000_16 Datasheet
350Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4010 PASTERNACK-PE4010_16 Datasheet
360Kb / 3P
BNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4012 PASTERNACK-PE4012_16 Datasheet
360Kb / 3P
UHF Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4013 PASTERNACK-PE4013_16 Datasheet
355Kb / 3P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064 PASTERNACK-PE4064_16 Datasheet
362Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064SP PASTERNACK-PE4064SP_16 Datasheet
366Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com