Electronic Components Datasheet Search
  English  ▼

X  

PE4574 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4574
Description  7/16 DIN Female Connector Threaded Pin Attachment 4 Hole Flange Mount Pin Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4574 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4574 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4574 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4574 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• 7/16 DIN Female Connector
• IEC 169-4
• 50 Ohms
• Straight Body Geometry
• Pin Interface Type
• Threaded Pin Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 7.5 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4574 7/16 DIN female connector threaded pin attachment 4 hole flange mount pin terminal, .975 inch hole
spacing is part of our full line of RF components available for same-day shipping. Our 7/16 DIN female connector operates up
to a maximum frequency of 7.5 GHz and offers good VSWR of 1.3:1. This 7/16 DIN 4 hole flange connector allows designers
to create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our 7/16 DIN female 4 hole flange connector PE4574 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
7.5
GHz
VSWR
1.3:1
Operating Voltage (AC)
2,700
Vrms
.
Mechanical Specifications
Size
Length
0.846 in [21.49 mm]
Width/Dia.
1.26 in [32.00 mm]
.
Weight
0.172 lbs [78.02 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Connector Threaded Pin Attachment 4 Hole Flange Mount Pin Terminal,
.975 inch Hole Spacing PE4574
PE4574 REV 1.3
7/16 DIN Female Connector Threaded Pin Attachment 4 Hole
Flange Mount Pin Terminal, .975 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4574


Similar Part No. - PE4574

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4574 PASTERNACK-PE4574 Datasheet
254Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .975 inch Hole Spacing
PE4574A PASTERNACK-PE4574A Datasheet
351Kb / 3P
7/16 DIN Female Connector Threaded Pin Attachment 4 Hole Flange Mount Pin Terminal
More results

Similar Description - PE4574

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4574 PASTERNACK-PE4574 Datasheet
254Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Panel Pin Terminal, .975 inch Hole Spacing
PE4573 PASTERNACK-PE4573 Datasheet
223Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .975 inch Hole Spacing
PE44717 PASTERNACK-PE44717 Datasheet
834Kb / 3P
7/16 DIN Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal,Attachment 4 Hole Flange Slotted Contact Terminal
PE4217 PASTERNACK-PE4217 Datasheet
379Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE4573 PASTERNACK-PE4573_16 Datasheet
356Kb / 3P
7/16 DIN Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4574A PASTERNACK-PE4574A Datasheet
351Kb / 3P
7/16 DIN Female Connector Threaded Pin Attachment 4 Hole Flange Mount Pin Terminal
PE4192 PASTERNACK-PE4192_16 Datasheet
354Kb / 3P
LC Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, 1.44 inch Hole Spacing
PE4217 PASTERNACK-PE4217_16 Datasheet
351Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
PE45000 PASTERNACK-PE45000 Datasheet
342Kb / 3P
7/16 DIN Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Stub Terminal, .120 inch Diameter
PE45408 PASTERNACK-PE45408 Datasheet
467Kb / 3P
4.3-10 Female Low PIM Connector Solder Attachment 4 Hole Flange Mount Pin Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com