Electronic Components Datasheet Search
  English  ▼

X  

BC807-25 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BC807-25
Description  SMALL SIGNAL PNP TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC807-25 Datasheet(HTML) 2 Page - STMicroelectronics

  BC807-25 Datasheet HTML 1Page - STMicroelectronics BC807-25 Datasheet HTML 2Page - STMicroelectronics BC807-25 Datasheet HTML 3Page - STMicroelectronics BC807-25 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-amb
• Thermal Resistance Junction-Ambient
Max
500
oC/W
• Device mounted on a PCB area of 1 cm2
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = -20 V
VCB = -20 V
TC = 150
oC
-100
-5
nA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = -5 V
-100
nA
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = -10 mA
-45
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -500 mA
IB = -50 mA
-0.7
V
VBE(on)
∗ Base-Emitter On
Voltage
IC = -500 mA
VCE = -1 V
-1.2
V
hFE
∗
DC Current Gain
IC = -100 mA
VCE = -1 V
for BC807-25
for BC807-40
160
250
400
600
fT
Transition Frequency
IC = -10 mA VCE = -5 V f =100 MHz
80
MHz
CCBO
Collector-Base
Capacitance
IE = 0
VCB = -10 V
f = 1 MHz
9
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2 %
BC807-25 / BC807-40
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com