Electronic Components Datasheet Search
  English  ▼

X  

BCW60C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BCW60C
Description  Small Signal Transistors (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BCW60C Datasheet(HTML) 2 Page - Vishay Siliconix

  BCW60C Datasheet HTML 1Page - Vishay Siliconix BCW60C Datasheet HTML 2Page - Vishay Siliconix BCW60C Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BCW61 Series
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88171
2
09-May-02
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Symbol
Min.
TYP.
Max.
Unit
DC Current Gain
at –VCE = 5 V, –IC = 10
µA
BCW61A
hFE
––––
at –VCE = 5 V, –IC = 10
µA
BCW61B
hFE
30
–––
at –VCE = 5 V, –IC = 10
µA
BCW61C
hFE
40
–––
at –VCE = 5 V, –IC = 10
µA
BCW61D
hFE
100
–––
at –VCE = 5 V, –IC = 2 mA
BCW61A
hFE
120
–
220
–
at –VCE = 5 V, –IC = 2 mA
BCW61B
hFE
180
–
310
–
at –VCE = 5 V, –IC = 2 mA
BCW61C
hFE
250
–
460
–
at –VCE = 5 V, –IC = 2 mA
BCW61D
hFE
380
–
630
–
at –VCE = 1 V, –IC = 50 mA
BCW61A
hFE
60
–––
at –VCE = 1 V, –IC = 50 mA
BCW61B
hFE
80
–––
at –VCE = 1 V, –IC = 50 mA
BCW61C
hFE
100
–––
at –VCE = 1 V, –IC = 50 mA
BCW61D
hFE
110
–––
Collector-Emitter Saturation Voltage
at –IC = 10 mA, –IB = 0.25 mA
–VCEsat
60
–
250
mV
at –IC = 50 mA, –IB = 1.25 mA
–VCEsat
120
–
550
mV
Base-Emitter Saturation Voltage
at –IC = 10 mA, –IB = 0.25 mA
–VBEsat
600
–
850
mV
at –IC = 50 mA, –IB = 1.25 mA
–VBEsat
680
–
1050
mV
Base-Emitter Voltage
at –VCE = 5 V, –IC = 2 mA
–VBE
600
650
750
mV
at –VCE = 5 V, –IC = 10
µA
–VBE
–
550
–
mV
at –VCE = 1 V, –IC = 50 mA
–VBE
–
720
–
mV
Collector-Emiter Cut-off Current
at –VCE = 32 V, VEB=0
–ICES
––
20
nA
at –VCE = 32 V, VEB=0, TA = 150
°C
––
20
µA
Emitter-Base Cut-off Current
at –VEB = 4 V, IC=0
–IEBO
––
20
nA
Gain-Bandwidth Product
at –VCE = 5 V, –IC = 10 mA, f = 100 MHz
fT
100
––
MHz
Collector-Base Capacitance
at –VCB = 10 V, f = 1 MHZ, IE=0
CCBO
–
4.5
–
pF
Emitter-Base Capacitance
at –VEB = 0.5 V, f = 1 MHZ, IC=0
CEBO
–
11
–
pF
Noise Figure
at –VCE = 5 V, –IC = 200
µA, RS = 2 kΩ, f = 100 kHZ, B = 200Hz
F
–
26
dB
Small Signal Current Gain
BCW60A
–
200
at –VCE = 5V, –IC = 2 mA, f = 1.0 kHZ
BCW60B
–
260
BCW60C
hfe
–
330
BCW60D
–
520
Turn-on Time at RL = 990
Ω (see fig. 1)
– VCC = 10V, –Ic = 10mA, –IB(on) = IB(off) = 1mA
ton
–
85
150
ns
Turn-off Time at RL = 990
Ω (see fig. 1)
– VCC = 10V, –Ic = 10mA, –IB(on) = IB(off) = 1mA
toff
–
480
800
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com