Electronic Components Datasheet Search
  English  ▼

X  

CD54ACT151 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD54ACT151
Description  8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54ACT151 Datasheet(HTML) 4 Page - Texas Instruments

  CD54ACT151 Datasheet HTML 1Page - Texas Instruments CD54ACT151 Datasheet HTML 2Page - Texas Instruments CD54ACT151 Datasheet HTML 3Page - Texas Instruments CD54ACT151 Datasheet HTML 4Page - Texas Instruments CD54ACT151 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CD54ACT151, CD74ACT151
8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SCHS338 – MARCH 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tPLH
D
Y
3.9
15.5
4
14.1
ns
tPHL
D
Y
3.9
15.5
4
14.1
ns
tPLH
D
W
4.2
16.9
4.4
15.4
ns
tPHL
D
W
4.2
16.9
4.4
15.4
ns
tPLH
ABor C
Y
5.1
20.2
5.2
18.4
ns
tPHL
A, B, or C
Y
5.1
20.2
5.2
18.4
ns
tPLH
ABor C
W
5.4
21.6
5.6
19.6
ns
tPHL
A, B, or C
W
5.4
21.6
5.6
19.6
ns
tPLH
G
Y
3
12.1
3.1
11
ns
tPHL
G
Y
3
12.1
3.1
11
ns
tPLH
G
W
3.4
13.5
3.5
12.3
ns
tPHL
G
W
3.4
13.5
3.5
12.3
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
120
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com