Electronic Components Datasheet Search
  English  ▼

X  

DR3101 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # DR3101
Description  315.00 MHz Transceiver Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

DR3101 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  DR3101 Datasheet HTML 1Page - RF Monolithics, Inc DR3101 Datasheet HTML 2Page - RF Monolithics, Inc DR3101 Datasheet HTML 3Page - RF Monolithics, Inc DR3101 Datasheet HTML 4Page - RF Monolithics, Inc DR3101 Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
R3
R4
R8
R1
R2
R6
R5
C3
C2
L2
C1
L1
C4
C5
+
A S H T r an sc ei v e r
20
1
11
10
CT R0 ( 1 2 )
CT R1 ( 1 1 )
V CC ( 9 )
LP F A D J ( 8 )
G ND ( 6 , 7 , 1 0 )
RF I O
(1 3 )
RF G ND
(1 4 )
AG C / VC C
(1 )
PK D ET
(2 )
R X BBO
(3 )
RX D A T A
(4 )
TX I N
(5 )
D R 3 101 S c h e m a t i c
C6
D R 3 10 1 P i n O u t
RF
GN D
RF I O
CT R0
CT R1
GN D
VC C
LP F A D J
AG C / VC C
PK D ET
TX I N
R X BBO
RX D A T A
1
2
3
4
58
9
10
11
12
13
14
7
6
.8 0
.3 0
.2 0
.1 6 5
.7 0
.1 0
D R 3 10 1 O u t l i n e D r aw i n g
D i m e n s i ons i n i n c h es



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com