Electronic Components Datasheet Search
  English  ▼

X  

LM2707 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2707
Description  Inductive-Boost Series LED Driver with Programmable Oscillator Frequency
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2707 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2707 Datasheet HTML 4Page - National Semiconductor (TI) LM2707 Datasheet HTML 5Page - National Semiconductor (TI) LM2707 Datasheet HTML 6Page - National Semiconductor (TI) LM2707 Datasheet HTML 7Page - National Semiconductor (TI) LM2707 Datasheet HTML 8Page - National Semiconductor (TI) LM2707 Datasheet HTML 9Page - National Semiconductor (TI) LM2707 Datasheet HTML 10Page - National Semiconductor (TI) LM2707 Datasheet HTML 11Page - National Semiconductor (TI) LM2707 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 3.0V, VEN = 3.0V, L = 22µH
(Coilcraft DT1608C-223), D = MBR0520L (Vishay), C
IN = 1.0µF, COUT = 2x1µF, Cx = 68pF, TA =25
oC. (Continued)
LED Drive Efficiency vs. Supply Voltage
2 LEDs (Note 11)
LED Drive Efficiency vs. Supply Voltage
3 LEDs (Note 11)
20099218
20099219
LED Drive Efficiency vs. Supply Voltage
4 LEDs (Note 11)
LED Current vs. Duty Cycle
20099253
* 20mA, 4-LED operation requires increasing the current limit.
A1
Ω resistor was placed between the VIN and LX pins.
Note 11: LED drive efficiency is the ratio of the power consumed by the LEDs
to the power drawn at the LM2707 input (E = PLEDs /PIN). Approximate LED
forward voltage characteristics of the LEDs used for the efficiency curve data: IF
= 5mA: VF = 3.1V; IF = 10mA: VF = 3.3V; IF = 15mA: VF = 3.5V; IF = 20mA: VF
= 3.7V.
20099209
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com