Electronic Components Datasheet Search
  English  ▼

X  

PE82P1000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE82P1000
Description  Phase Shifters and Trimmers Technical Data Sheet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE82P1000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE82P1000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE82P1000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE82P1000 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Environmental Specifications
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
Adjustable Phase Shifter, 18 GHz to 40 GHz, With an Adjustable Phase Range of 0 to 360 Degrees and 2.92mm from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Adjustable Phase Shifter, 18 GHz to 40 GHz, With an Adjustable Phase Range of 0 to 360
Degrees and 2.92mm PE82P1000
URL: https://www.pasternack.com/adjustable-phase-shifter-40-ghz-2.92mm-30-deg-per-ghz-pe82p1000-p.aspx
PE82P1000 REV 1.2
Phase Shifters and Trimmers Technical Data Sheet
PE82P1000
Adjustable Phase Shifter, 18 GHz to 40 GHz, With an
Adjustable Phase Range of 0 to 360 Degrees and 2.92mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com