Electronic Components Datasheet Search
  English  ▼

X  

MX-850 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MX-850
Description  Precision, Higher-Speed 4-Channel, Analog Multiplexers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MX-850 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MX-850 Datasheet HTML 1Page - List of Unclassifed Manufacturers MX-850 Datasheet HTML 2Page - List of Unclassifed Manufacturers MX-850 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX-850 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MX-850
®
®
SWITCHING CHAR. (cont.)
MIN.
TYP.
MAX.
UNITS
Settling Time, 5k Load
20V step to ±0.1%
—
30
35
ns
20V step to ±0.01%
—
50
60
ns
20V step to ±0.003%
—
75
85
ns
20V step to ±0.001%
—
100
120
ns
Crosstalk
➀
10kHz (20Vp-p)
—
–105
–100
dB
1MHz (20Vp-p)
—
–94
–92
dB
10MHz (5Vp-p)
—
–76
–71
dB
20MHz (3Vp-p)
—
–64
–62
dB
POWER REQUIREMENTS
Power Supply Range
+15V Supply
+14.5
+15
+15.5
Volts
–15V Supply
–14.5
–15
–15.5
Volts
+5V Supply
+4.75
+5
+5.25
Volts
Power Supply Current,
Quiescent
+15V Supply
—
+3
+4
mA
–15V Supply
—
–10
–12
mA
+5V Supply
—
+3
+3.5
mA
Power Supply Rejection Ratio
80
90
—
dB
Power Supply Dissipation,
Quiescent
+25°C
—
207
270
mW
0 to +70°C
—
—
270
mW
–55 to +125°C
—
—
280
mW
Pd versus Frequency
See Figure 4
PHYSICAL/ENVIRONMENTAL
Operating Temp. Range, Case
MX-850MC
0
—
+70
°C
MX-850MM
–55
—
+125
°C
Storage Temperature Range
–65
—
+150
°C
Package Type
14-pin, metal-sealed, ceramic DIP
Weight
0.1 ounces (2.8 grams)
➀ See Figures 3a and 3b.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
LIMITS
UNITS
+15V Supply, Pin 10
–0.5 to +16.5
Volts
–15V Supply, Pin 14
+0.5 to –16.5
Volts
+5V Supply, Pin 12
–0.5 to +7
Volts
Digital Inputs, Pins 1, 2, 3
–0.5 to +6
Volts
Analog Inputs, Pins 4, 5, 6, 7
–10.5 to +10.5
Volts
Analog Input Current
±20
mA
Lead temperature (10 seconds)
300
°C
Switching Frequency/Duty Cycle
10/50
MHz/%
FUNCTIONAL SPECIFICATIONS
(Apply over the operating temperature range and over the operating power supply
range unless otherwise specified.)
ANALOG INPUTS
MIN.
TYP.
MAX.
UNITS
Analog Signal Range
±10
—
—
Volts
On Resistance, +25°C
—
18
90
Ohms
0 to +70°C
—
—
120
Ohms
–55 to +125°C
—
—
140
Ohms
RON versus VIN
See Figure 2
Input Leakage Current (Off)
+25°C
—
±0.02
±0.2
nA
0 to +70°C
—
—
±10
nA
–55 to +125°C
—
—
±25
nA
Output Leakage Current (Off)
+25°C
—
±0.02
±0.2
nA
0 to +70°C
—
—
±20
nA
–55 to +125°C
—
—
±40
nA
On Channel Leakage Current
+25°C
—
±0.4
±1
nA
0 to +70°C
—
—
±25
nA
–55 to +125°C
—
—
±35
nA
Channel Input Capacitance
Off
—
4
6
pF
On
—
10
12
pF
Channel Output Capacitance
On
—
8
10
pF
Nonlinearity
—
—
±0.001
%FSR
Large signal bandwidth (–3dB)
80
100
—
MHz
DIGITAL INPUTS
Logic levels
Logic "1"
+2.0
—
—
Volts
Logic "0"
—
—
+0.8
Volts
Logic Loading "1"
—
—
+10
µA
Logic Loading "0"
—
—
–10
µA
SWITCHING CHARACTERISTICS
Access Time
——
20
ns
Break-Before-Make Delay Time
——
10
ns
Enable Delay (On, Off)
—3
10
ns
Settling Time, 10M Load
10V step to ±0.1%
—
25
30
ns
10V step to ±0.01%
—
40
50
ns
10V step to ±0.003%
—
60
70
ns
10V step to ±0.001%
—
80
100
ns
Settling Time, 5k Load
10V step to ±0.1%
—
25
30
ns
10V step to ±0.01%
—
40
50
ns
10V step to ±0.003%
—
60
70
ns
10V step to ±0.001%
—
80
100
ns
Settling Time, 10M Load
20V step to ±0.1%
—
30
35
ns
20V step to ±0.01%
—
50
60
ns
20V step to ±0.003%
—
75
85
ns
20V step to ±0.001%
—
100
120
ns
TECHNICAL NOTES
1. Proper operation of the MX-850 multiplexer is dependent
upon good board layout and connection practices. Bypass
supplies as shown in the connection diagrams. Mount
bypass capacitors directly to the supply pins whenever
possible.
2. All grounds pins (9, 11, 13) should be tied together and
connected to ground as close to the multiplexer as
possible.
3. When power is off, current limit input signals on pins 4, 5, 6,
and 7 to 20mA. Failure to current limit can cause
permanent damage to the device since, when powering up
or down it is possible that two switches might be on at the
same time. Excessive current (greater than 20mA) will flow
from the more positive input to the more negative input,
permanently damaging the device. Applications in which
the power supply for the multiplexer also powers the signal
sources may not require limiting resistors. See Figure 4.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com