Electronic Components Datasheet Search
  English  ▼

X  

PI3B16212 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B16212
Description  3.3V, 24-Bit Bus Exchange Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B16212 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B16212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B16212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B16212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B16212 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PS8180A
08/21/01
PI3B16212
PI3B162212
3.3V,24-BitBus-ExchangeSwitch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
DC Electrical Characteristics(OvertheOperatingRange,TA=–40°Cto+85°C,VCC=3.0Vto3.6V)
Storage Temperature ................................................... –65°Cto+150°C
Ambient Temperature with Power Applied ................... –40°Cto+85°C
Supply Voltage Range .................................................... –0.5Vto+4.6V
DC Input Voltage ............................................................ –0.5Vto+4.6V
DC Output Current ..................................................................... 120mA
Power Dissipation .......................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of the
device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect reliability.
Capacitance (TA=25°C,f=1MHz)
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined
by the lower of the voltages on the two (A,B) pins.
4. This parameter is determined by device characterization but is not production tested.
MaximumRatings
(Above which useful life may be impaired. For user guidelines, not tested.)
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
ti
n
U
V H
I
e
g
a
tl
o
V
H
G
I
H
t
u
p
n
Il
e
v
e
L
h
g
i
H
ci
g
o
L
d
e
e
t
n
a
r
a
u
G0
.
2
V
V L
I
e
g
a
tl
o
V
W
O
L
t
u
p
n
Il
e
v
e
L
w
o
L
ci
g
o
L
d
e
e
t
n
a
r
a
u
G5
.
0
–8
.
0
II
t
n
e
rr
u
C
t
u
p
n
I
V C
C
V
,.
x
a
M
=
N
I
V
=
C
C
D
N
G
r
o1
±
A
µ
V C
C
V
,
0
=
N
I
V
=
C
C
0
1
I H
Z
O
t
n
e
rr
u
C
t
u
p
t
u
O
e
c
n
a
d
e
p
m
I
h
g
i
H0 ≤
B
,
A
≥ V ,C
C
ff
O
s
e
h
c
ti
w
S1
±
V K
I
e
g
a
tl
o
V
e
d
o
i
D
p
m
al
CV C
C
I
,.
n
i
M
=
N
I
A
m
8
1
–
=–
7
.
0
–2
.
1
–V
R N
O
e
c
n
a
t
si
s
e
R
N
O
h
c
ti
w
S
)
3
(
V C
C
V
,.
n
i
M
=
N
I
,
V
0
.
0
=
I N
O
A
m
4
6
=
2
1
2
6
1
–5
8
Ω
2
1
2
2
6
1
0
28
20
4
V C
C
V
,.
n
i
M
=
N
I
,
V
4
.
2
=
I N
O
A
m
5
1
=
2
1
2
6
1
–0
15
1
2
1
2
2
6
1
0
25
38
4
s
r
e
t
e
m
a
r
a
P
)
4
(
n
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
Tp
y
Ts
ti
n
U
C N
I
e
c
n
a
ti
c
a
p
a
C
t
u
p
n
I
V N
I
V
0
=
0
.
3
F
p
C F
F
O
ff
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
A
0
.
4
1
C N
O
n
O
h
c
ti
w
S
,
e
c
n
a
ti
c
a
p
a
C
B
/
A
0
.
0
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com