Electronic Components Datasheet Search
  English  ▼

X  

PI5L100 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI5L100
Description  Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L100 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI5L100 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L100 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L100 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L100 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L100 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L100 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L100 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5L100 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5L100 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PI5L100
Wide-Bandwidth,Low-Voltage
LanSwitch Quad 2:1 Mux/Demux
7
PS7031F
09/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Figure 7. Crosstalk vs Frequency
DIV
10.00
24
6
8
1
2
4
6
8
1
2
NETWORK
A: REF
0.000
[dB]
B: REF
180.0
[deg]
MKR 10 074 746.057 Hz
T/R
519.486m
dB
θ
–90.2501
deg
RBW: 10 kHz
ST: 4.05 sec
RANGE: R = 0, T = 0dBm
PI5L100
XTALK 10 MHz, RL = 50 Ohm
DIV
36.00
START
STOP
1 000 000 . 000 Hz
300 000 000 . 000 Hz
0dB
–10dB
–20dB
–30db
–40dB
–50dB
–60dB
–70dB
–80dB
–90dB
–100dB
+180˚
+144˚
+108˚
+72˚
+36˚
0¡
–36˚
–72˚
–108˚
–144˚
–180˚
MAGNITUDE
PHASE
LANSwitchApplications
The PI5L100 was designed to switch between various standards
such as 10Base-T, 100Base-T, 100VG-AnyLAN, and Token Ring.
Also general purpose applications such as loopback, line termina-
tion, and line clamps that might normally use mechanical relays are
also ideal uses for this LAN Switch (see Figure 11 applications).
Generally speaking, this LAN Switch can be used for data rates to
200 Mbps and data signal levels from 0V to 4.5V.
LAN Standards
Data Rate per twisted pair (UTP)
10Base-T
10 Mbps
100Base-T
100 Mbps
100VG-AnyLAN
25 Mbps
Differential Crosstalk . . . XTALK(DIF)
Adjacent pins cause the most crosstalk because of the interlead
package capacitance which is generally in the order of 0.5pF (pin-
to-pin). It can be seen in Figure 11 that this Evaluation (EV) Board
schematic uses four pairs of switches. Pair 1B/2B are RX1 that
connect to YA and YB. The second pair, 3B/4B, are TX1 and connect
to YC and YB. Pairs 3 and 4 are grounded for this differential
crosstalk test. The purpose of this EV board is to determine the
amount of crosstalk between the transmit and receive pairs in a full
duplex application. Figure 15 shows the scope waveforms. Traces
Applications
1 and 2 are single ended inputs to the differential inputs of the DUT.
Trace 3 is the differential XTALK output which equates to 20LOG
VOUT/VIN = 20LOG 30 mV/5V = –44dB. Since the edge rate is 2ns,
the effective input frequency is equal to 0.3/tR which is ~150 MHz.
So the approximate Differential Crosstalk at 150 MHz is –44dB.
Because pins measured are not adjacent, the differential crosstalk
is typically > 60 dB at 10 MHz. The load resistor (RL) used was 100
( to match the UTP impedance). Increasing the data rate or RL will
also increase differential crosstalk.
VCC Bias Voltage vs RON
To keep RON to a minimum, it is recommended that the VCC voltage
be increased to a voltage between +6.0V and +6.5V (see Figure 13).
The RON vs. VIN curve shows the effect of on-resistance and input
voltage which is exponential. Ideally an input voltage between 0.2V
and 3.6V will keep RONin the flat part of the curve (∆RONor flatness
is ~2 ohms).
Signal Distortion
Distortion of the input signal is equated to 20LOG
∆RON/ RL. So
keeping RON flat as data signal level varies is critical to low
distortion. Also, increasing the data rate increases harmonic distor-
tion which also effects the signal amplitude.
EvaluationBoard
Figure 14 shows the layout for an EV board that can be used for
evaluation. This is a 2-layer board and is one-inch square.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com