Electronic Components Datasheet Search
  English  ▼

X  

CL03-15F Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # CL03-15F
Description  High Voltage Medium Current Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

CL03-15F Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  CL03-15F Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD CL03-15F Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CL03-15F
200mA 15kV 80nS
High Voltage Medium Current Fast Recovery Diode
----------------------------------------------------------------------------------------------------------------------------- -------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-10 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier diodes is made
of high quality silicon wafer chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
FEATURES:
1. Avalanche characteristic.
2. High current, low forward voltage.
3. High frequency, Fast recovery.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. X-ray power supply.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 2.10 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-721
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
15
kV
Non-Repetitive Peak Renerse Voltage
VRSM
TA=25°C
--
kV
Average Forward Current Maximum
IFAVM
TA=55°C
200
mA
TOIL=55°C
--
mA
Non-Repetitive Forward Surge Current
IFSM
TA=25°C; 50Hz Half-Sine Wave; 8.3mS
20
A
Junction Temperature
TJ
150
°C
Allowable Operation Case Temperature
Tc
-40~+150
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
35
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; at VRRM
10
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
80
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
3.5
pF


Similar Part No. - CL03-15F

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
CL03-15F GETEDZ-CL03-15F Datasheet
80Kb / 1P
15kV 200mA HIGH VOLTAGE DIODE
More results

Similar Description - CL03-15F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H1601-1 ETC-H1601-1 Datasheet
309Kb / 2P
High Voltage, Fast Recovery Medium Current Rectifier
logo
New Jersey Semi-Conduct...
H1601 NJSEMI-H1601 Datasheet
70Kb / 1P
High Voltage, Fast Recovery Medium Current Rectifier H1601 Series
logo
GETAI ELECTRONICS DEVIC...
CL03-10 GETEDZ-CL03-10_17 Datasheet
515Kb / 2P
High Voltage Medium Current Fast Recovery Diode
CL03-10F GETEDZ-CL03-10F_17 Datasheet
515Kb / 2P
High Voltage Medium Current Fast Recovery Diode
CL03-12 GETEDZ-CL03-12_17 Datasheet
515Kb / 2P
High Voltage Medium Current Fast Recovery Diode
CL03-15 GETEDZ-CL03-15_17 Datasheet
515Kb / 2P
High Voltage Medium Current Fast Recovery Diode
CL03-20 GETEDZ-CL03-20_17 Datasheet
515Kb / 2P
High Voltage Medium Current Fast Recovery Diode
CL03-08 GETEDZ-CL03-08_1 Datasheet
516Kb / 2P
High Voltage Medium Current Fast Recovery Diode
GH3A-05K GETEDZ-GH3A-05K_V01 Datasheet
476Kb / 2P
High Current Fast-Recovery High Voltage Silicon Rectifier Diode
GH3A-10K GETEDZ-GH3A-10K_V01 Datasheet
476Kb / 2P
High Current Fast-Recovery High Voltage Silicon Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com