Electronic Components Datasheet Search
  English  ▼

X  

SP3282 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP3282
Description  Intelligent 2.35V to 5.5V RS-232 Transceivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3282 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP3282 Datasheet HTML 7Page - Sipex Corporation SP3282 Datasheet HTML 8Page - Sipex Corporation SP3282 Datasheet HTML 9Page - Sipex Corporation SP3282 Datasheet HTML 10Page - Sipex Corporation SP3282 Datasheet HTML 11Page - Sipex Corporation SP3282 Datasheet HTML 12Page - Sipex Corporation SP3282 Datasheet HTML 13Page - Sipex Corporation SP3282 Datasheet HTML 14Page - Sipex Corporation SP3282 Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Date: 02/24/05
SP3282EB Intelligent +2.35V to +5.5V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
12
The circuit model in Figures 18 and 19 represent
the typical ESD testing circuit used for all three
methods. The CS is initially charged with the DC
power supply when the first switch (SW1) is on.
Now that the capacitor is charged, the second
switch (SW2) is on while SW1 switches off. The
voltage stored in the capacitor is then applied
through RS, the current limiting resistor, onto the
device under test (DUT). In ESD tests, the SW2
switch is pulsed so that the device under test
receives a duration of voltage.
For the Human Body Model, the current limiting
resistor (R
S) and the source capacitor (CS) are
1.5k
Ω an 100pF, respectively. For IEC-1000-4-2,
the current limiting resistor (R
S) and the source
capacitor (C
S) are 330Ω an 150pF, respectively.
Figure 18. ESD Test Circuit for Human Body Model
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
Figure 20. ESD Test Waveform for IEC1000-4-2
Figure 19. ESD Test Circuit for IEC1000-4-2
RS and RV add up to 330
add up to 330Ω for IEC1000-4-2.
RS and RV add up to 330Ω for IEC1000-4-2.
Contact-Discharge Module
RV
RC
CS
RS
SW1
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module
devised to reduce the unpredictability of the ESD
arc. The discharge current rise time is constant
since the energy is directly transferred without the
air-gaparc. Insituationssuchashandheldsystems,
the ESD charge can be directly discharged to the
equipment from a person already holding the
equipment. The current is transferred on to the
keypadortheserialportoftheequipmentdirectlyand
then travels through the PCB and finally to the IC.
The higher C
S value and
lower R
S value in the
IEC1000-4-2 model are more stringent than the
Human Body Model. The larger storage capacitor
injects a higher voltage to the test point when SW2
is switched on. The lower current limiting resistor
increases the current charge onto the test point.
t=0ns
t=30ns
0A
15A
30A
t ➙



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com