Electronic Components Datasheet Search
  English  ▼

X  

LDD240 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # LDD240
Description  Industrial machine control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDD240 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  LDD240 Datasheet HTML 1Page - Bel Fuse Inc. LDD240 Datasheet HTML 2Page - Bel Fuse Inc. LDD240 Datasheet HTML 3Page - Bel Fuse Inc. LDD240 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LDD240 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00763_AA
Operating Temperature
Overtemperature protection
(Start-up type tested: - 40°C)2
- 40 to + 70°C
Storage Temperature
- 40 to + 80°C
Derating
- 3 W/°C over 50°C
Humidity
Non-condensing
5 - 95% RH
Life time expectation
At 25°C ambient
64000 h (7.3 years)
Overvoltage Category
Pollution Degree
I (EN50178)
2 (IEC60664-1)
Protection Class
Class I
Isolation Voltage
Input to Output
Input to Ground
Output to Ground
2.1 kVDC
1.41 kVDC
0.75 kVDC
Safety Standards & Approvals
UL508 (reference)
EN60950 (reference)
EN50178 (reference)
EMC Standards
Emission
EN55022 (CISPR11)
EN55011 (CISPR22)
Class A
Class A
Immunity
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
EN61000-4-11
Level 3
Level 3
Level 2
Level 2
Level 2
Protection Degree
EN60529
IP20
Vibration sinusoidal
IEC 60068-2-6
5-17.8 Hz: ±1.6 mm; 17.8-500 Hz:
2 g 2Hours / axis (X,Y,Z)
Shock
IEC 60068-2-27
30 g 6 ms, 20 g 11 ms; 3 bumps / direction,
18 bumps total
2
Possible at nominal voltage with load deration.
Weight
800 g
Dimensions
69 x 115 x 110 mm
Mounting Rail
IEC 60715/H15/TH35-7.5(-15)
Connection Terminals
Screw type pluggable (24 - 12 AWG)
2.5 mm²
Case Material
Aluminum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com