Electronic Components Datasheet Search
  English  ▼

X  

LDN85 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # LDN85
Description  Survey Systems
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDN85 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  LDN85 Datasheet HTML 1Page - Bel Fuse Inc. LDN85 Datasheet HTML 2Page - Bel Fuse Inc. LDN85 Datasheet HTML 3Page - Bel Fuse Inc. LDN85 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LDN85 Series are single phase DIN Rail Switching Power Supplies,
ideal for home automation, simple automation in machines, survey
systems, telecom, but also the renewable energy field.
Its compact size, high efficiency, excellent reliability and excellent
power/volume ratio, together with easy installation due to pluggable
connectors makes it ideal for various industrial and renewable
applications.
LDN85 Series are Class I isolation devices suitable for SELV and PELV
circuitry and are designed to be mounted on DIN rail and installed
inside a protective enclosure.
Single phase AC input 90 – 264 VAC (110 - 345 VDC)
High efficiencies and in compact size
150% overload capability
Only 40 mm width aluminum enclosure
Short circuit, overload and over temperature protection
Up to 70°C operating temperature with no derating
RoHS Compliant
Automation
Telecom
Survey Systems
Renewable


Similar Part No. - LDN85

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDN80 BEL-LDN80 Datasheet
598Kb / 4P
Single phase AC input 90 - 264 VAC (110 - 345 VDC
LDN80-12 BEL-LDN80-12 Datasheet
598Kb / 4P
Single phase AC input 90 - 264 VAC (110 - 345 VDC
LDN80-24 BEL-LDN80-24 Datasheet
598Kb / 4P
Single phase AC input 90 - 264 VAC (110 - 345 VDC
logo
Leshan Radio Company
LDN8000DT1AG LRC-LDN8000DT1AG Datasheet
711Kb / 3P
20V N-Channel Enhancement-Mode MOSFET
LDN8002DT1AG LRC-LDN8002DT1AG Datasheet
850Kb / 5P
20V N-Channel Enhancement-Mode MOSFET
More results

Similar Description - LDN85

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXTXGPS-L1L2 AAC-JXTXGPS-L1L2 Datasheet
143Kb / 1P
GPS L1/L2 Survey Antenna
logo
Ferroxcube Internationa...
TGP-P14 FERROXCUBE-TGP-P14 Datasheet
67Kb / 2P
Przegl쨔d / Survey
logo
FSP TECHNOLOGY INC.
FSP050-DAAN2 FSP-FSP050-DAAN2 Datasheet
143Kb / 1P
IPC systems, Embedded systems
FSP050-DGAA5 FSP-FSP050-DGAA5 Datasheet
109Kb / 1P
IPC systems, C ommunication systems, Embedded systems, POE systems
FSP050-DIBAN2 FSP-FSP050-DIBAN2 Datasheet
143Kb / 1P
IPC systems, Embedded systems
FSP090-DIEBN2 FSP-FSP090-DIEBN2 Datasheet
239Kb / 1P
AIO systems, PC systems, Mini-ITX systems, Embedded systems
FSP150-ABBN2 FSP-FSP150-ABBN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
FSP150-AHAN2 FSP-FSP150-AHAN2 Datasheet
119Kb / 1P
IPC systems, Embedded systems, Printers, POS systems
FSP150-AHBN2 FSP-FSP150-AHBN2 Datasheet
114Kb / 1P
IPC systems, Embedded systems, Printers, POS systems
logo
List of Unclassifed Man...
AT330 ETC1-AT330 Datasheet
559Kb / 2P
Mini Survey Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com