Electronic Components Datasheet Search
  English  ▼

X  

LDN481 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # LDN481
Description  Industrial automation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDN481 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  LDN481 Datasheet HTML 1Page - Bel Fuse Inc. LDN481 Datasheet HTML 2Page - Bel Fuse Inc. LDN481 Datasheet HTML 3Page - Bel Fuse Inc. LDN481 Datasheet HTML 4Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LDN481 Series is a single phase DIN Rail Switching Power Supply
suitable for broad range of industrial, telecom and renewable energy
applications.
The unit has received excellent market approval for its high efficiency,
excellent reliability and compactness. Simple but elegant look and
easy installation makes it ideal for various industrial applications.
LDN481 Series is Class I isolation device suitable for SELV and PELV
circuitry (up to 48 VDC models) and is designed to be mounted on DIN
rail and installed inside a protective enclosure.
High efficiency
Compact size
Overload 150%
Constant current or Hiccup mode limitation, user settable
Easy parallelable for power increase
Natural convection cooling
RoHS Compliant
Industrial automation
Heavy duty applications
Process control
Building automation and general purpose


Similar Part No. - LDN481

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
Dual N-Channel 40-V (D-S) MOSFET
More results

Similar Description - LDN481

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
Solutions for Industrial Automation
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
Industrial and factory automation
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
Industrial Controls and Factory Automation
logo
Red Lion Controls. Inc
SX-1131-S-32 REDLION-SX-1131-S-32 Datasheet
878Kb / 2P
Industrial Automation Software
logo
Silicon Laboratories
SI863X SILABS-SI863X Datasheet
780Kb / 36P
Industrial automation systems
SI871X SILABS-SI871X Datasheet
1Mb / 35P
Industrial automation
logo
AAEON Technology
AIOT-IGWS01 AAEON-AIOT-IGWS01 Datasheet
338Kb / 2P
Industrial Automation IoT Gateway
logo
Lite-On Technology Corp...
HA-1101-24NL LITEON-HA-1101-24NL Datasheet
393Kb / 3P
Industrial Automation Panel Mount Series
HA-1201-24LF LITEON-HA-1201-24LF Datasheet
431Kb / 3P
Industrial Automation Panel Mount Series
HA-1351-24NL LITEON-HA-1351-24NL Datasheet
432Kb / 3P
Industrial Automation Panel Mount Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com