Electronic Components Datasheet Search
  English  ▼

X  

LDW25 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDW25
Description  Industrial Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDW25 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDW25 Datasheet HTML 1Page - Bel Fuse Inc. LDW25 Datasheet HTML 2Page - Bel Fuse Inc. LDW25 Datasheet HTML 3Page - Bel Fuse Inc. LDW25 Datasheet HTML 4Page - Bel Fuse Inc. LDW25 Datasheet HTML 5Page - Bel Fuse Inc. LDW25 Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LDW25 Series
2
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2017 Bel Power Solutions & Protection
BCD.00852_AC
LDW25-12
120 - 500 VAC (150 - 725 VDC)
1 / 2
12 VDC
2.0 - 1.6 A
No ORing diode
LDW25-24
120 - 500 VAC (150 - 725 VDC)
1 / 2
24 VDC
1.0 A
No ORing diode
LDW25-48
120 - 500 VAC (150 - 725 VDC)
1 / 2
48 VDC
0.5 A
No ORing diode
* Add suffix S for models with a conformal coating on a PC-Board.
Technical parameters are typical, measured in laboratory environment at 25°C and 240 VAC / 50 Hz, at nominal values, after minimum
5 minutes of operation.
Input AC Voltage Range
Rated, single or two phase
Operating
120 – 500 VAC
90 - 550 VAC
Input Frequency
47 - 63 Hz
Input DC Voltage Range
Rated
150 – 725 VDC
Input AC Current
Vin = 120 VAC / single phase
Vin = 500 VAC / two phase
0.5 A
0.15 A
Input DC Current
Vin = 150 VDC
Vin = 725 VDC
0.3 A
< 0.1 A
Inrush Peak Current
≤ 25 A
Touch (Leakage) Current
≤ 0.2 mA
Internal Protection Fuse
None, external fuse must be provided
Recommended external
protection 1
It is strongly recommended to provide external surge arresters
(SPD) according to local regulations.
MCB 2A C curve / Cartridge fuse Class CC
2AT 600 VAC
Output Power
25 W
Rated Voltage
(Voltage Adjustment Range)
LDW25-12
LDW25-24
LDW25-48
12 VDC (12 – 15 VDC)
24 VDC (23 – 28 VDC)
48 VDC (45 – 55 VDC)
Continuous Current
LDW25-12
LDW25-24
LDW25-48
2.0 - 1.6 A
1.0 A
0.5 A
Overload Limit 2
LDW25-12
LDW25-24
LDW25-48
Vin = 120 VAC
2.65 A
1.45 A
0.75 A
LDW25-12
LDW25-24
LDW25-48
Vin = 240 VAC; Vin = 400 VAC; Vin = 500 VAC
2.90 A
1.70 A
0.90 A
Short Circuit Peak Current
LDW25-12
LDW25-24
LDW25-48
6.5 A
4.0 A
2.5 A
Load Regulation
≤ 0.5%
1 In order to be UL compliant use Listed Cartridge non-renewable (JDDZ) fuse Class CC 2AT 600 VAC.
2 On LDW25-12 measurements are performed with output set to 12 VDC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com