Electronic Components Datasheet Search
  English  ▼

X  

MBC40 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # MBC40
Description  Cover Kit Accessory Available
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

MBC40 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  MBC40 Datasheet HTML 1Page - Bel Fuse Inc. MBC40 Datasheet HTML 2Page - Bel Fuse Inc. MBC40 Datasheet HTML 3Page - Bel Fuse Inc. MBC40 Datasheet HTML 4Page - Bel Fuse Inc. MBC40 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The MBC40 Series of open-frame medical power supplies, with its
wide universal 90-264 VAC input range, is available at 40 W of output
power and a variety of single and multiple output voltages.
The MBC series is designed and approved to the latest Medical
standards (EN/IEC 60601-1), providing 2 x MOPP isolation for Class I
& Class II applications.
These medical power supplies are ideal for, monitoring, home health
equipment as well as surgical devices.
•
4 x 2 x 1.2 Inch Form Factor
•
Single to Triple Outputs
•
Ultra High Efficiency > 85%
•
Approved to EN/IEC 60601-1
•
Low leakage current < 250 µA
•
No Load Power < 0.3 W
•
IEC Protection Class Options:
o
Class I: Earth pin J4 (no suffix)
o
Class II: No Earth pin (-2 suffix)
•
RoHS Compliant
•
Cover Kit Accessory Available
•
Dialysis
•
Monitoring
•
Pumps
•
Surgical Devices
•
Home Health
•
Ultrasound


Similar Part No. - MBC40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBC40 ETC1-MBC40 Datasheet
116Kb / 1P
Micro Power Resistors
MBC40A100KI ETC1-MBC40A100KI Datasheet
116Kb / 1P
Micro Power Resistors
More results

Similar Description - MBC40

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8927301ZAC ZILOG-Z8927301ZAC Datasheet
155Kb / 4P
Z89273 ACCESSORY KIT
Z8927302ZAC ZILOG-Z8927302ZAC Datasheet
145Kb / 4P
Z89273 ACCESSORY KIT
Z8937100ZAC ZILOG-Z8937100ZAC Datasheet
149Kb / 4P
Z89371 ACCESSORY KIT
Z8937101ZAC ZILOG-Z8937101ZAC Datasheet
270Kb / 7P
Z89371 ACCESSORY KIT
Z8937300ZAC ZILOG-Z8937300ZAC Datasheet
110Kb / 4P
Z89373 ACCESSORY KIT
Z8937301ZAC ZILOG-Z8937301ZAC Datasheet
166Kb / 4P
Z89373 ACCESSORY KIT
logo
Pomona Electronics
6267 POMONA-6267 Datasheet
25Kb / 1P
Oscilloscope Replacement Accessory Kit
logo
Bel Fuse Inc.
ABC60 BEL-ABC60 Datasheet
756Kb / 5P
Cover Kit Accessory Available
ABC150 BEL-ABC150 Datasheet
698Kb / 5P
Cover Kit Accessory Available
logo
NimbeLink Corp.
NL-S2CK NIMBELINK-NL-S2CK Datasheet
286Kb / 2P
S2C Link Accessory Kit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com